Electronic Components Datasheet Search
  English  ▼

X  

LM384 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM384
Description  LM384 5W Audio Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM384 Datasheet(HTML) 1 Page - Texas Instruments

  LM384 Datasheet HTML 1Page - Texas Instruments LM384 Datasheet HTML 2Page - Texas Instruments LM384 Datasheet HTML 3Page - Texas Instruments LM384 Datasheet HTML 4Page - Texas Instruments LM384 Datasheet HTML 5Page - Texas Instruments LM384 Datasheet HTML 6Page - Texas Instruments LM384 Datasheet HTML 7Page - Texas Instruments LM384 Datasheet HTML 8Page - Texas Instruments LM384 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM384
www.ti.com
SNAS547C – FEBRUARY 1995 – REVISED APRIL 2013
LM384 5W Audio Power Amplifier
Check for Samples: LM384
1
FEATURES
DESCRIPTION
The LM384 is a power audio amplifier for consumer
2
•
Wide Supply Voltage Range: 12V to 26V
applications. In order to hold system cost to a
•
Low Quiescent Power Drain
minimum, gain is internally fixed at 34 dB. A unique
•
Voltage Gain Fixed at 50
input stage allows ground referenced input signals.
The output automatically self-centers to one-half the
•
High Peak Current Capability: 1.3A
supply voltage.
•
Input Referenced to GND
The output is short-circuit proof with internal thermal
•
High Input Impedance: 150k
Ω
limiting. The package outline is standard dual-in-line.
•
Low Distortion: 0.25% (PO=4W, RL=8Ω)
A copper lead frame is used with the center three
•
Quiescent Output Voltage is at One Half of the
pins on either side comprising a heat sink. This
Supply Voltage
makes the device easy to use in standard p-c layout.
•
14-Pin PDIP Package
Uses
include
simple
phonograph
amplifiers,
intercoms, line drivers, teaching machine outputs,
alarms, ultrasonic drivers, TV sound systems, AM-FM
radio and sound projector systems. See SNAA086 for
circuit details.
Schematic Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM384

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
SYC Electronica
LM384 SYC-LM384 Datasheet
398Kb / 8P
LM384 5W Audio Power Amplifier
logo
Texas Instruments
LM384 TI2-LM384 Datasheet
439Kb / 12P
LM384 5W Audio Power Amplifier
REVISED APRIL 2013
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM384

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
NTE Electronics
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
logo
NTE Electronics
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
5W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
LM384 5W Audio Power Amplifier
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
5W Mono Digital Audio Power Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com