Electronic Components Datasheet Search
  English  ▼

X  

LM397 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM397
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397 Datasheet(HTML) 5 Page - Texas Instruments

  LM397 Datasheet HTML 1Page - Texas Instruments LM397 Datasheet HTML 2Page - Texas Instruments LM397 Datasheet HTML 3Page - Texas Instruments LM397 Datasheet HTML 4Page - Texas Instruments LM397 Datasheet HTML 5Page - Texas Instruments LM397 Datasheet HTML 6Page - Texas Instruments LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
LM397
www.ti.com
SNOS977F – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end
of the common-mode voltage range is VS – 1.5 V at 25°C.
6.5 Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = 5 V, V
− = 0 V, V
CM = V
+/2 = V
O.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input offset voltage
VS = 5 V to 30 V,
VO = 1.4 V, VCM = 0 V
TA = 25ºC
2
7
mV
At the temperature extremes
10
IOS
Input offset current
VO = 1.4 V, VCM = 0 V
TA = 25ºC
1.6
50
nA
At the temperature extremes
250
IB
Input bias current
VO = 1.4 V, VCM = 0 V
TA = 25ºC
10
250
nA
At the temperature extremes
400
IS
Supply current
RL = open, VS = 5 V
0.25
0.7
mA
RL = open, VS = 30 V
0.3
2
IO
Output sink current
VIN+ = 1 V, VIN− = 0 V, VO = 1.5 V
6
13
mA
ILEAKAGE
Output leakage current
VIN+ = 1 V, VIN− = 0 V, VO = 5 V
0.1
nA
VIN+ = 1 V, VIN− = 0 V, VO = 30 V
1
µA
VOL
Output voltage low
IO = −4 mA, VIN+ = 0 V,
VIN− = 1 V
TA = 25ºC
180
400
mV
At the temperature extremes
700
VCM
Common-mode input
voltage range
VS = 5 V to 30 V
(3)
TA = 25ºC
0
VS – 1.5
V
At the temperature extremes
0
VS – 2
AV
Voltage gain
VS = 15 V, VO = 1.4 V to 11.4 V,
RL > = 15 kΩ connected to VS
120
V/mV
tPHL
Propagation delay
(high to low)
Input overdrive = 5 mV
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
900
ns
Input overdrive = 50 mV
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
250
tPLH
Propagation delay
(low to high)
Input Overdrive = 5 mV
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
940
µs
Input overdrive = 50 mV
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
440
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com