Electronic Components Datasheet Search
  English  ▼

X  

LM828 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM828
Description  LM828 Switched Capacitor Voltage Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM828 Datasheet(HTML) 1 Page - Texas Instruments

  LM828 Datasheet HTML 1Page - Texas Instruments LM828 Datasheet HTML 2Page - Texas Instruments LM828 Datasheet HTML 3Page - Texas Instruments LM828 Datasheet HTML 4Page - Texas Instruments LM828 Datasheet HTML 5Page - Texas Instruments LM828 Datasheet HTML 6Page - Texas Instruments LM828 Datasheet HTML 7Page - Texas Instruments LM828 Datasheet HTML 8Page - Texas Instruments LM828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM828
www.ti.com
SNOS035D – MARCH 2010 – REVISED MAY 2013
LM828 Switched Capacitor Voltage Converter
Check for Samples: LM828
1
FEATURES
DESCRIPTION
The LM828 CMOS charge-pump voltage converter
2
•
Inverts Input Supply Voltage
inverts a positive voltage in the range of +1.8V to
•
SOT-23 Package
+5.5V to the corresponding negative voltage of
−1.8V
•
20
Ω Typical Output Impedance
to
−5.5V. The LM828 uses two low cost capacitors to
provide up to 25 mA of output current.
•
97% Typical Conversion Efficiency at 5 mA
The LM828 operates at 12 kHz switching frequency
APPLICATIONS
to reduce output resistance and voltage ripple. With
an operating current of only 40 µA (operating
•
Cellular Phones
efficiency greater than 96% with most loads), the
•
Pagers
LM828
provides
ideal
performance
for
battery
•
PDAs
powered systems. The device is in a tiny SOT-23
package.
•
Operational Amplifier Power Supplies
•
Interface Power Supplies
•
Handheld Instruments
Basic Application Circuits
Voltage Inverter
+5V to
−10V Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM828 NSC-LM828 Datasheet
186Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM828 TI1-LM828 Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828 TI-LM828 Datasheet
875Kb / 15P
LM828 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM828M5 NSC-LM828M5 Datasheet
186Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM828M5 TI1-LM828M5 Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
More results

Similar Description - LM828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM828M5X TI1-LM828M5X Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828M5X TI-LM828M5X Datasheet
875Kb / 15P
LM828 Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com