Electronic Components Datasheet Search
  English  ▼

X  

LM397MF Datasheet(PDF) 1 Page - Texas Instruments

Part # LM397MF
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397MF Datasheet(HTML) 1 Page - Texas Instruments

  LM397MF Datasheet HTML 1Page - Texas Instruments LM397MF Datasheet HTML 2Page - Texas Instruments LM397MF Datasheet HTML 3Page - Texas Instruments LM397MF Datasheet HTML 4Page - Texas Instruments LM397MF Datasheet HTML 5Page - Texas Instruments LM397MF Datasheet HTML 6Page - Texas Instruments LM397MF Datasheet HTML 7Page - Texas Instruments LM397MF Datasheet HTML 8Page - Texas Instruments LM397MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
R1
VO
VIN
-
+
R3
VS
RPULL-UP
R2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM397
SNOS977F – MAY 2001 – REVISED MAY 2016
LM397 Single General-Purpose Voltage Comparator
1
1 Features
1
•
TA = 25°C. Typical Values Unless Otherwise
Specified.
•
5-Pin SOT-23 Package
•
Industrial Operating Range
−40°C to +85°C
•
Single or Dual Power Supplies
•
Wide Supply Voltage Range 5 V to 30 V
•
Low Supply Current 300 µA
•
Low Input Bias Current 7 nA
•
Low Input Offset Current ±1 nA
•
Low Input Offset Voltage ±2 mV
•
Response Time 440 ns (50-mV Overdrive)
•
Input Common-Mode Voltage 0 to VS – 1.5 V
2 Applications
•
A/D Converters
•
Pulse, Square-Wave Generators
•
Peak Detector
•
Industrial Applications
3 Description
The LM397 device is a single voltage comparator
with an input common mode that includes ground.
The LM397 is designed to operate from a single 5-V
to 30-V power supply or a split power supply. Its low
supply
current
is
virtually
independent
of
the
magnitude of the supply voltage.
The LM397 features an open-collector output stage.
This allows the connection of an external resistor at
the output. The output can directly interface with TTL,
CMOS and other logic levels, by tying the resistor to
different voltage levels (level translator).
The LM397 is available in the space-saving 5-Pin
SOT-23 package and is pin-compatible to TI’s TL331,
a single differential comparator.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM397
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Circuit


Similar Part No. - LM397MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397MF NSC-LM397MF Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397MF NSC-LM397MF Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI1-LM397MF Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
More results

Similar Description - LM397MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com