Electronic Components Datasheet Search
  English  ▼

X  

0801482 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801482
Description  UCT-EM (17,5X7,5) - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801482 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801482 Datasheet HTML 1Page - PHOENIX CONTACT 0801482 Datasheet HTML 2Page - PHOENIX CONTACT 0801482 Datasheet HTML 3Page - PHOENIX CONTACT 0801482 Datasheet HTML 4Page - PHOENIX CONTACT 0801482 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Snap-in markers, Sheet, white, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME 2.0,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, TOPMARK NEO,
TOPMARK LASER, mounting type: latching, Number of individual labels: 24, text field height: 7.5
mm, text field width: 17.5 mm
Your advantages
The UCT-EM ... UniCard marking range includes markers for devices and switching devices from a wide range of manufacturers
•
The markers, which are supplied in uniform sheets, can be marked quickly, easily, and precisely using the card printers
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0801482
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG10
Product key
BG2418
GTIN
4046356673327
Weight per piece (including packing)
11.88 g
Weight per piece (excluding packing)
11.88 g
Customs tariff number
39269097
Country of origin
PL
UCT-EM (17,5X7,5) - Snap-in markers
0801482
https://www.phoenixcontact.com/us/products/0801482
Jun 25, 2025, 5:27AM
Page 1 (5)


Similar Part No. - 0801482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801484 PHOENIX-0801484 Datasheet
187Kb / 5P
UCT-EM (17X10) YE - Snap-in markers
0801489 PHOENIX-0801489 Datasheet
64Kb / 4P
Snap-in markers - UCT-EM (21X8)
09/11/2020
More results

Similar Description - 0801482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
Snap-in markers - UC-EMP (27X8)
0825433 PHOENIX-0825433 Datasheet
55Kb / 3P
Snap-in markers - UC-EMP (27X12,5)
0825445 PHOENIX-0825445 Datasheet
56Kb / 3P
Snap-in markers - UC-EMP (27X18)
0825451 PHOENIX-0825451 Datasheet
52Kb / 2P
Snap-in markers - UC-EMP (27X27)
0825500 PHOENIX-0825500 Datasheet
53Kb / 3P
Snap-in markers - UC-EM (20X7) TQ
0825503 PHOENIX-0825503 Datasheet
50Kb / 2P
Snap-in markers - UC-EM (20X9)
0830765 PHOENIX-0830765 Datasheet
53Kb / 2P
Snap-in markers - UCT-EM (7X10)
0801489 PHOENIX-0801489 Datasheet
64Kb / 4P
Snap-in markers - UCT-EM (21X8)
09/11/2020
1014118 PHOENIX-1014118 Datasheet
58Kb / 3P
Snap-in markers - UCT-EMP (29X8)
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com