Electronic Components Datasheet Search
  English  ▼

X  

0803060 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803060
Description  EML (...X...)R YE - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803060 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803060 Datasheet HTML 1Page - PHOENIX CONTACT 0803060 Datasheet HTML 2Page - PHOENIX CONTACT 0803060 Datasheet HTML 3Page - PHOENIX CONTACT 0803060 Datasheet HTML 4Page - PHOENIX CONTACT 0803060 Datasheet HTML 5Page - PHOENIX CONTACT 0803060 Datasheet HTML 6Page - PHOENIX CONTACT 0803060 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, Roll, yellow, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, text field height: 350
mm, text field width: 100 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Commercial data
Item number
0803060
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG2411
Weight per piece (including packing)
180 g
Country of origin
DE
EML (...X...)R YE - Label
0803060
https://www.phoenixcontact.com/us/products/0803060
Jun 25, 2025, 7:30AM
Page 1 (7)


Similar Part No. - 0803060

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803062 PHOENIX-0803062 Datasheet
186Kb / 6P
TMT (EX5,5)R - Marker for terminal blocks
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
0803067 PHOENIX-0803067 Datasheet
186Kb / 6P
TMT (EX8,5)R - Marker for terminal blocks
0803068 PHOENIX-0803068 Datasheet
186Kb / 6P
TMT (EX10)R - Marker for terminal blocks
More results

Similar Description - 0803060

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803813 PHOENIX-0803813 Datasheet
52Kb / 2P
Label - US-EML (15X9) YE
0803815 PHOENIX-0803815 Datasheet
52Kb / 2P
Label - US-EML (16,5X5) YE
0803817 PHOENIX-0803817 Datasheet
52Kb / 2P
Label - US-EML (15X6) YE
0803819 PHOENIX-0803819 Datasheet
52Kb / 2P
Label - US-EML (16X7) YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116114 PHOENIX-1116114 Datasheet
55Kb / 2P
Label - MM-EML (EX18)R C1 YE/BK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com