Electronic Components Datasheet Search
  English  ▼

X  

0803088 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803088
Description  EMLS (...X...)R SR - Safety label with special adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803088 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803088 Datasheet HTML 1Page - PHOENIX CONTACT 0803088 Datasheet HTML 2Page - PHOENIX CONTACT 0803088 Datasheet HTML 3Page - PHOENIX CONTACT 0803088 Datasheet HTML 4Page - PHOENIX CONTACT 0803088 Datasheet HTML 5Page - PHOENIX CONTACT 0803088 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Safety label with special adhesive, Roll, silver, unlabeled, can be labeled with:
THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL,
THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: adhesive, text field height: 350 mm, text field width: 100 mm
Your advantages
The EMLS is a tamper-proof label that can be used as a rating plate or a sealing label
•
When detaching, a part of the metallized layer separates. It leaves a triangular pattern on the label and substrate. The safety function is reliable
up to 80°C
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EMLS ... materials are UL-listed
•
Commercial data
Item number
0803088
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
BG2411
Weight per piece (including packing)
634.4 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
39199080
Country of origin
PL
EMLS (...X...)R SR - Safety label with special adhesive
0803088
https://www.phoenixcontact.com/us/products/0803088
Jun 25, 2025, 5:42AM
Page 1 (6)


Similar Part No. - 0803088

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803081 PHOENIX-0803081 Datasheet
182Kb / 5P
TMT (EX10,5)R CUS - Marker for terminal blocks
0803082 PHOENIX-0803082 Datasheet
182Kb / 5P
TMT (EX12)R CUS - Marker for terminal blocks
0803083 PHOENIX-0803083 Datasheet
190Kb / 5P
EML (...X...)R SR - Label
0803084 PHOENIX-0803084 Datasheet
181Kb / 5P
EMLC (...X...)R - Fabric label
0803085 PHOENIX-0803085 Datasheet
182Kb / 5P
EMLC (...X...)R YE - Fabric label
More results

Similar Description - 0803088

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802687 PHOENIX-0802687 Datasheet
44Kb / 2P
Plastic label - EMLP (EX15)R SR
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R SR
1014307 PHOENIX-1014307 Datasheet
44Kb / 2P
Magnetic label - PMM (EX25)R SR
1014310 PHOENIX-1014310 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R SR
1014313 PHOENIX-1014313 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R SR
1014316 PHOENIX-1014316 Datasheet
44Kb / 2P
Magnetic label - PMM (EX50)R SR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com