Electronic Components Datasheet Search
  English  ▼

X  

0803134 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803134
Description  UC-EMSP (50X15) BU - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803134 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803134 Datasheet HTML 1Page - PHOENIX CONTACT 0803134 Datasheet HTML 2Page - PHOENIX CONTACT 0803134 Datasheet HTML 3Page - PHOENIX CONTACT 0803134 Datasheet HTML 4Page - PHOENIX CONTACT 0803134 Datasheet HTML 5Page - PHOENIX CONTACT 0803134 Datasheet HTML 6Page - PHOENIX CONTACT 0803134 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, blue, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: screw, rivet, Number of individual labels: 4, text field height: 15 mm, text field
width: 50 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing system
•
The UC-EMSP ... UniCard labeling range includes markers that can be attached using screws or rivets
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0803134
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2417
GTIN
4046356976596
Weight per piece (including packing)
9.55 g
Weight per piece (excluding packing)
10.11 g
Country of origin
PL
UC-EMSP (50X15) BU - Device marker
0803134
https://www.phoenixcontact.com/us/products/0803134
Jun 25, 2025, 6:49AM
Page 1 (7)


Similar Part No. - 0803134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803132 PHOENIX-0803132 Datasheet
184Kb / 5P
UCT-PMP (90X38) VT - Insert label
0803133 PHOENIX-0803133 Datasheet
190Kb / 6P
UCT-PMP (90X38) YE - Insert label
0803135 PHOENIX-0803135 Datasheet
244Kb / 7P
UC-EMSP (50X15) RD - Device marker
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
More results

Similar Description - 0803134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802937 PHOENIX-0802937 Datasheet
53Kb / 2P
Device marker - US-EMSP (90X60) RD
0830773 PHOENIX-0830773 Datasheet
45Kb / 3P
Equipment marking - EMSP-AL (50X15)
0817785 PHOENIX-0817785 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TM 12 BU
0818292 PHOENIX-0818292 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 BU
0818645 PHOENIX-0818645 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 8 BU
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com