Electronic Components Datasheet Search
  English  ▼

X  

0803255 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803255
Description  EML-EX (30X20)R - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803255 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803255 Datasheet HTML 1Page - PHOENIX CONTACT 0803255 Datasheet HTML 2Page - PHOENIX CONTACT 0803255 Datasheet HTML 3Page - PHOENIX CONTACT 0803255 Datasheet HTML 4Page - PHOENIX CONTACT 0803255 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
> -40 °C ... 150 °C
Recommended storage conditions
23 °C / 50% relative humidity. Storage in the original packaging
is recommended prior to processing.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 - 3 years
Dimensions
Width
30 mm
Height
20 mm
Depth
0.1 mm
Text field
Text field width
30 mm
Text field height
20 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EML-EX (30X20)R - Label
0803255
https://www.phoenixcontact.com/us/products/0803255
Jun 25, 2025, 7:26AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com