Electronic Components Datasheet Search
  English  ▼

X  

0803389 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803389
Description  EMPPR (45,8X45,8) - Touch protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803389 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803389 Datasheet HTML 1Page - PHOENIX CONTACT 0803389 Datasheet HTML 2Page - PHOENIX CONTACT 0803389 Datasheet HTML 3Page - PHOENIX CONTACT 0803389 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Touch protection, Sheet, transparent, unlabeled, mounting type: latching, Number of individual
labels: 1, text field height: 45.8 mm, text field width: 45.8 mm
Your advantages
High level of mechanical and chemical stability
•
Suitable for permanent outdoor use
•
Stuck or snapped onto labeled CARRIER ... to protect the labeling
•
Extremely thick, yet flexible and transparent shock protection
•
Commercial data
Item number
0803389
Packing unit
25 pc
Minimum order quantity
25 pc
Product key
BG241B
GTIN
4055626048550
Weight per piece (including packing)
3.524 g
Weight per piece (excluding packing)
2.86 g
Country of origin
AT
EMPPR (45,8X45,8) - Touch protection
0803389
https://www.phoenixcontact.com/us/products/0803389
Jun 25, 2025, 7:14AM
Page 1 (4)


Similar Part No. - 0803389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803380 PHOENIX-0803380 Datasheet
184Kb / 4P
TMP-RIBBON 110 GN 100 - Ink ribbon cartridge
0803381 PHOENIX-0803381 Datasheet
190Kb / 4P
WP-PA HF 54,5 BK - Protective hose
0803386 PHOENIX-0803386 Datasheet
192Kb / 7P
WML-RFID/HF 14 (25X19)R - Cable marker
0803387 PHOENIX-0803387 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R
More results

Similar Description - 0803389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
Schurter Inc.
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
TOUCH SCREEN
logo
BCD Semiconductor Manuf...
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
logo
Shenzhen Huazhimei Semi...
HM602XB HMSEMI-HM602XB Datasheet
990Kb / 12P
Application areas: touch table lamps, touch atomizers, touch flashlights, etc
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
logo
SparkFun Electronics
PRT-14059 SPARKFUN-PRT-14059 Datasheet
121Kb / 1P
SmartiPi Touch
logo
Omron Electronics LLC
W7ED OMRON-W7ED Datasheet
1Mb / 8P
Touch Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com