Electronic Components Datasheet Search
  English  ▼

X  

0803950 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803950
Description  MM-EMLF (EX10)R C1 GN/WH - Label, highly flexible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803950 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803950 Datasheet HTML 1Page - PHOENIX CONTACT 0803950 Datasheet HTML 2Page - PHOENIX CONTACT 0803950 Datasheet HTML 3Page - PHOENIX CONTACT 0803950 Datasheet HTML 4Page - PHOENIX CONTACT 0803950 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-20 °C ... 75 °C
Ambient temperature (assembly)
10 °C ... 40 °C
Recommended ambient temperature (storage/transport)
20 °C ... 24 °C
Recommended humidity (storage/transport)
45 % ... 55 % (Storage in a dry and dark place in the original
packaging is recommended)
Shelf life
24 months
Dimensions
Height
10 mm
Length
8 m
Text field
Text field width
8000 mm
Text field height
8 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
MM-EMLF (EX10)R C1 GN/WH - Label, highly flexible
0803950
https://www.phoenixcontact.com/us/products/0803950
Jun 25, 2025, 5:32AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com