Electronic Components Datasheet Search
  English  ▼

X  

0804286 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804286
Description  EMT (80X15,5)R - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804286 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804286 Datasheet HTML 1Page - PHOENIX CONTACT 0804286 Datasheet HTML 2Page - PHOENIX CONTACT 0804286 Datasheet HTML 3Page - PHOENIX CONTACT 0804286 Datasheet HTML 4Page - PHOENIX CONTACT 0804286 Datasheet HTML 5Page - PHOENIX CONTACT 0804286 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, for marking the marking cover for the ME-IO housing system, for marking Phoenix
Contact marking covers for the ME-IO housing system, Roll, white, unlabeled, can be labeled
with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL,
THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: insert, Number of individual labels: 100, text field height: 15.5 mm, text field
width: 80 mm
Your advantages
EMT (80x15,5)R, white insert label, for marking the marking cover of the ME-IO housing system
•
Thanks to their special shape, the EMT (80x15,5)R insert labels fit optimally in the marking cover of the ME-IO housing system
•
Quick and inexpensive marking with THERMOMARK ... roll printers from Phoenix Contact
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Marking service: Phoenix Contact can custom-mark all EMT ... markers according to your requirements
•
Commercial data
Item number
0804286
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2411
GTIN
4055626289106
Weight per piece (including packing)
169.9 g
Weight per piece (excluding packing)
169.9 g
Country of origin
DE
EMT (80X15,5)R - Insert label
0804286
https://www.phoenixcontact.com/us/products/0804286
Jun 25, 2025, 7:28AM
Page 1 (6)


Similar Part No. - 0804286

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804280 PHOENIX-0804280 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
0804280 PHOENIX-0804280 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
0804280 PHOENIX-0804280 Datasheet
152Kb / 6P
ICC 2,5/ 4-STZFD-5,08
0804280 PHOENIX-0804280 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
0804280 PHOENIX-0804280 Datasheet
145Kb / 5P
MCV 1,5/12-GF-5,08
More results

Similar Description - 0804286

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800042 PHOENIX-0800042 Datasheet
49Kb / 3P
Insert label - EMT (103X23)R TQ
0803847 PHOENIX-0803847 Datasheet
50Kb / 2P
Insert label - US-EMT (103X17) TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803852 PHOENIX-0803852 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26) TQ
0803853 PHOENIX-0803853 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com