Electronic Components Datasheet Search
  English  ▼

X  

0804372 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804372
Description  LS-EMLP (72X20) YE - Device marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804372 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804372 Datasheet HTML 1Page - PHOENIX CONTACT 0804372 Datasheet HTML 2Page - PHOENIX CONTACT 0804372 Datasheet HTML 3Page - PHOENIX CONTACT 0804372 Datasheet HTML 4Page - PHOENIX CONTACT 0804372 Datasheet HTML 5Page - PHOENIX CONTACT 0804372 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, yellow, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK
LASER, mounting type: adhesive, Number of individual labels: 16, text field height: 20 mm, text
field width: 72 mm
Your advantages
Stick-on device marking
•
Prefabricated device markers in the proven laser-sheet format for ideal positioning in the marking device
•
High contrast due to the yellow top layer with black marking
•
Commercial data
Item number
0804372
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG19
Product key
BG241D
GTIN
4055626307466
Weight per piece (including packing)
38.66 g
Weight per piece (excluding packing)
38.66 g
Customs tariff number
39203000
Country of origin
DE
LS-EMLP (72X20) YE - Device marker
0804372
https://www.phoenixcontact.com/us/products/0804372
Jun 25, 2025, 5:25AM
Page 1 (6)


Similar Part No. - 0804372

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804374 PHOENIX-0804374 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
0804374 PHOENIX-0804374 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
0804374 PHOENIX-0804374 Datasheet
156Kb / 6P
MKDS 5/ 3-6,35
0804374 PHOENIX-0804374 Datasheet
154Kb / 6P
MKKDS 5/ 3-6,35
0804374 PHOENIX-0804374 Datasheet
152Kb / 5P
SMKDS 5/ 2-6,35
More results

Similar Description - 0804372

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803276 PHOENIX-0803276 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R YE
0822615 PHOENIX-0822615 Datasheet
56Kb / 3P
Plastic label - UC-EMLP (15X5) YE
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
0822628 PHOENIX-0822628 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (17X9) YE
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com