Electronic Components Datasheet Search
  English  ▼

X  

DB25P Datasheet(PDF) 1 Page - ITT Industries

Part # DB25P
Description  Standard D-Subminiature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DB25P Datasheet(HTML) 1 Page - ITT Industries

  DB25P Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DB25P
Our Catalog Part Number: DB-25P
Our Global Manufacturing Part Number: 112045-0000
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
Product Datasheet
General
Standard D-Subminiature
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
50
Dielectric Withstanding Voltage
1200 VAC at sea level
Current Rating
7.5 A at 85°C / 5 A at 105°C
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
yellow chromate over cadmium or zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Contact Arrangement
25 contacts size 20
Gender
Pin
Contact Type
turned
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Contact Termination
Solder Pot
Mounting Methode
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DB25P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DB25P-0L2-K87 ITT-DB25P-0L2-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A5N-K87 ITT-DB25P-1A5N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A6N-K87 ITT-DB25P-1A6N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A7N-K87 ITT-DB25P-1A7N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A8N-K87 ITT-DB25P-1A8N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DB25P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
D Subminiature Connectors
DC-37S-F179A-A197 ITT-DC-37S-F179A-A197 Datasheet
35Kb / 1P
Standard D-Subminiature
logo
List of Unclassifed Man...
09670095654 ETC2-09670095654 Datasheet
2Mb / 38P
Standard subminiature D connectors
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
DA15SF179 ITT-DA15SF179 Datasheet
34Kb / 1P
Standard D-Subminiature
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com