Electronic Components Datasheet Search
  English  ▼

X  

853 Datasheet(PDF) 4 Page - Copyright BG

Part # 853
Description  SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BG [Copyright BG]
Direct Link  https://www.bgelectrical.uk/
Logo BG - Copyright BG

853 Datasheet(HTML) 4 Page - Copyright BG

  853 Datasheet HTML 1Page - Copyright BG 853 Datasheet HTML 2Page - Copyright BG 853 Datasheet HTML 3Page - Copyright BG 853 Datasheet HTML 4Page - Copyright BG 853 Datasheet HTML 5Page - Copyright BG 853 Datasheet HTML 6Page - Copyright BG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
13 AMP SOCKET OUTLETS
Code
Description
Carton
Trade
Quantity
Price £
821SP
1 Gang 13A Single Pole Switched
10
2.97
821DP
1 Gang 13A Double Pole Switched
10
3.60
822SP
2 Gang 13A Single Pole Switched
5
5.05
822DP
2 Gang 13A Double Pole Switched
5
5.50
823
1 Gang 13A Unswitched
10
2.75
824
2 Gang 13A Unswitched
5
4.55
825
1 Gang 13A Switched With Neon
10
5.40
826
2 Gang 13A Switched With Neon
5
8.75
13 AMP FUSED CONNECTION UNITS
Code
Description
Carton
Trade
Quantity
Price £
850
13A Switched and Fused
10
6.00
852
13A Switched and Fused with Neon
10
7.90
854
13A Unswitched and Fused
10
5.05
856
13A Unswitched and Fused with Neon
10
6.10
13 AMP FUSED CONNECTION UNITS WITH FLEX OUTLET
Code
Description
Carton
Trade
Quantity
Price £
851
13A Switched and Fused with Flex Outlet
10
6.28
853
13A Switched and Fused with Neon and Flex Outlet
10
8.68
855
13A Unswitched and Fused with Flex Outlet
10
5.78
857
13A Unswitched and Fused with Neon and Flex Outlet
10
6.90
25 AMP FLEX OUTLET PLATE
Code
Description
Carton
Trade
Quantity
Price £
858
25A Flex Outlet Plate Bottom Entry
10
3.75
ROUND PIN SOCKET OUTLETS
Code
Description
Carton
Trade
Quantity
Price £
828
1 Gang 2A Unswitched Socket Round Pin
10
4.80
829
1 Gang 5A Unswitched Socket Round Pin
10
5.80
899
1 Gang 15A Switched Socket Round Pin
10
P.O.A.
BG
Manufactured to BS 1363 part 2.
Manufactured to BS 1363 part 4.
Manufactured to BS 1363 part 4.
Manufactured to BS 5733.
Manufactured to BS 546.
SHAVER SOCKET
Code
Description
Carton
Trade
Quantity
Price £
820
115/230V Dual Voltage Shaver Socket
5
21.65
Manufactured to BS EN 61558-1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com