Electronic Components Datasheet Search
  English  ▼

X  

1SS387CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS387CT
Description  Switching Diodes Silicon Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS387CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS387CT Datasheet HTML 1Page - Toshiba Semiconductor 1SS387CT Datasheet HTML 2Page - Toshiba Semiconductor 1SS387CT Datasheet HTML 3Page - Toshiba Semiconductor 1SS387CT Datasheet HTML 4Page - Toshiba Semiconductor 1SS387CT Datasheet HTML 5Page - Toshiba Semiconductor 1SS387CT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SS387CT
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Reverse voltage
Peak forward current
Average rectified current
Non-repetitive peak forward surge current
Power dissipation
Junction temperature
Storage temperature
Symbol
VRM
VR
IFM
IO
IFSM
PD
Tj
Tstg
Note
(Note 1)
Rating
85
80
200
100
1
150
150
-55 to 150
Unit
V
mA
A
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on a glass epoxy circuit board of 20 mm × 20 mm, Pad dimension of 4 mm × 4 mm.
5.
5.
5.
5. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Reverse recovery time
Symbol
VF(1)
VF(2)
VF(3)
IR(1)
IR(2)
Ct
trr
Test Condition
IF = 1 mA
IF = 10 mA
IF = 100 mA
VR = 30 V
VR = 80 V
VR = 0 V, f = 1 MHz
IF = 10 mA
See Fig. 5.1.
Min
Typ.
0.62
0.75
0.98
0.5
1.6
Max
1.2
0.1
0.5
Unit
V
µA
pF
ns
Fig.
Fig.
Fig.
Fig. 5.1
5.1
5.1
5.1 Reverse recovery time (t
Reverse recovery time (t
Reverse recovery time (t
Reverse recovery time (trr
rr
rr
rr
) Test circuit
) Test circuit
) Test circuit
) Test circuit
2014-04-04
Rev.3.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com