Electronic Components Datasheet Search
  English  ▼

X  

855 Datasheet(PDF) 3 Page - Copyright BG

Part # 855
Description  SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BG [Copyright BG]
Direct Link  https://www.bgelectrical.uk/
Logo BG - Copyright BG

855 Datasheet(HTML) 3 Page - Copyright BG

  855 Datasheet HTML 1Page - Copyright BG 855 Datasheet HTML 2Page - Copyright BG 855 Datasheet HTML 3Page - Copyright BG 855 Datasheet HTML 4Page - Copyright BG 855 Datasheet HTML 5Page - Copyright BG 855 Datasheet HTML 6Page - Copyright BG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10AX PLATE SWITCHES
Code
Description
Carton
Trade
Quantity
Price £
811
1 Gang, 1 Way 10AX Switch
10
1.25
812
1 Gang, 2 Way 10 AX Switch
10
1.48
813
Intermediate 10 AX Switch
10
5.61
814
Bell Push
10
5.23
815
3 Pole Fan Isolator 10 AX Switch
10
5.69
842
2 Gang, 2 Way 10 AX Switch
10
2.80
843
3 Gang, 2 Way 10 AX Switch
10
4.50
844
4 Gang, 2 Way 10 AX Switch
5
8.50
846
6 Gang, 2 Way 10 AX Switch
5
14.50
20A SWITCHES
Code
Description
Carton
Trade
Quantity
Price £
830
20A DP Switch
10
4.65
831
20A DP Switch with Neon
10
6.50
832
20A DP Switch with Flex Outlet
10
5.75
833
20A DP Switch with Neon and Flex Outlet
10
6.80
832WH
20A DP Switch, marked Water Heater with Flex Outlet
10
6.20
833WH
20A DP Switch, marked Water Heater with Neon and F/O
10
8.75
45A SWITCHES
Code
Description
Carton
Trade
Quantity
Price £
870
45A DP Cooker Control Unit with 13A Socket and Neon
5
16.30
871
45A DP Cooker Control Unit with 13A Socket
5
15.80
872
45A DP Switch with Neon Large Plate
5
12.19
873
45A DP Switch Large Plate
5
11.72
874
45A DP Switch with Neon Single Plate
10
13.73
875
45A DP Switch Single Plate
10
11.48
45 AMP COOKER OUTLET
Code
Description
Carton
Trade
Quantity
Price £
879
45A Flex Outlet Plate Bottom Entry
10
5.55
BG
Manufactured to BS 5733.
Manufactured to BS 4177 and BS EN 60669-1. All units supplied with spacer plates.
Manufactured to BS EN 60669-1.
Manufactured to BS EN 60669-1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com