Electronic Components Datasheet Search
  English  ▼

X  

LP101WX1 Datasheet(PDF) 2 Page - LG Semicon Co.,Ltd.

Part # LP101WX1
Description  10.1” WX TFT LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP101WX1 Datasheet(HTML) 2 Page - LG Semicon Co.,Ltd.

  LP101WX1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP101WX1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Product Specification
LP101WX1
Liquid Crystal Display
Contents
No
ITEM
Page
COVER
1
CONTENTS
2
RECORD OF REVISIONS
3
1
GENERAL DESCRIPTION
4
2
ABSOLUTE MAXIMUM RATINGS
5
3
ELECTRICAL SPECIFICATIONS
3-1
ELECTRICAL CHARACTREISTICS
6
3-2
INTERFACE CONNECTION
7
3-3
LVDS SIGNAL TIMING SPECIFICATIONS
8
Ver. 1.1
May. 15, 2011
2 / 27
3-4
SIGNAL TIMING SPECIFICATIONS
10
3-5
SIGNAL TIMING WAVEFORMS
10
3-6
COLOR INPUT DATA REFERNECE
11
3-7
POWER SEQUENCE
12
4
OPTICAL SFECIFICATIONS
13
5
MECHANICAL CHARACTERISTICS
16
6
RELIABLITY
20
7
INTERNATIONAL STANDARDS
7-1
SAFETY
21
7-2
EMC
21
8
PACKING
8-1
DESIGNATION OF LOT MARK
22
8-2
PACKING FORM
22
9
PRECAUTIONS
23
A
APPENDIX. Enhanced Extended Display Identification Data
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com