Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ
Description  1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMCJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CREAT BY ART
PART NO.
Note 1: "xxxx" defines voltage from 5.0V (SMCJ5.0) to 170V (SMCJ170A)
PART NO.
Version: O1602
PACKAGE
PACKING
3,000 / 13" Paper reel
M6
SMC
3,000 / 13" Plastic reel
SMCJ SERIES
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
R7
G
SMC
850 / 7" Plastic reel
R6
SMC
G
AEC-Q101 qualified
Green compound
SMCJxxxx
(Note 1)
H
SMCJ170AHR7G
SMCJ170A
H
R7
EXAMPLE
EXAMPLE
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com