Electronic Components Datasheet Search
  English  ▼

X  

889092 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 889092
Description  Innovative Solutions for Elevators and Escalators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

889092 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  889092 Datasheet HTML 1Page - TE Connectivity Ltd 889092 Datasheet HTML 2Page - TE Connectivity Ltd 889092 Datasheet HTML 3Page - TE Connectivity Ltd 889092 Datasheet HTML 4Page - TE Connectivity Ltd 889092 Datasheet HTML 5Page - TE Connectivity Ltd 889092 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Innovative Solutions for Building Safety & Security
TE Connectivity
Insert TE Authorized
Distributor logo here
Go to te.com for further information
Innovative Solutions for Elevators and Escalators
AMP-LATCH Ribbon Cable Connectors
l
l
l
l
1
250 AC
-65 to +105
28
UL
Antennas2
l
l
l
Cable Identification for harnesses, wire and cable
(CSL, SP, KMT, SBP, PVF)
l
l
l
l
l
l
l
-30 to +150
UL
Circuit Protection
l
l
l
l
15
 240 AC
 -40 to +85
l
l
UL, CSA, TUV
CLOUDSPLITTER Connector System
l
l
l
l
l
1.5 signal
5.0 power
150 AC
20 DC
-40 to +85
26-24
l
UL, cUL
Controlling Signal Relays
l
l
l
5
250 AC/220 DC
-55 to +125
l
UL, CSA, VDE, IEC
Custom Cable Assemblies
l
l
l
l
l
l
l
varies*
varies*
varies*
l
UL, CSA, VDE
DIP Switches
l
l
l
l
l
0.1
50 DC
-30 to +85
l
Dynamic Series Connectors
l
l
l
l
l
65
630 AC
-55 to +105
30-6
l
l
UL, RU, CSA, TUV
ELECTRO-TAP Connectors
l
l
 300 AC/DC
+105 Max
20–14 
UL
Eurostyle Terminal Blocks
l
l
l
l
10
300 AC/DC
-30 to +105
30-12
l
UL, cUL
Industrial Ethernet
l
l
l
l
l
0.5
24 AC
-40 to +70
26-22
l
l
UL, CSA
Industrial USB
l
l
l
2
30 AC
-40 to +85
24-18
l
l
UL, CSA, USB 2.0
Flexible Printed Circuit (FPC)/ Flexible Flex Circuit
l
l
l
1.0
250 AC
 -40 to +85
l
l
Free Height Board-to-Board Connectors
l
l
l
0.5
 100 AC
-40Cto +85 
l
Hermaphroditic Connectors
l
l
6
125 AC/DC
-30 to +105
22-18
l
UL
Heavy Duty Connectors (HDC)
l
l
l
350
3000 AC
-40 to +125
26–300
MCM
l
l
UL, IEC
LUMAWISE LED Holders
l
l
l
5
300 DC
-40 to +105
22-18
UL, IEC, Zhaga
MAG-MATE Terminals
l
l
l
240 AC
- 65 to + 125
34-12
UL
Micro/Standard Poke-In Connectors
l
l
5
250 AC/DC
-25 to +130
26-18
l
l
UL
Mini Universal MATE-N-LOK Connectors
l
l
l
l
l
9.5
600 AC
-55 to +105
30-16 
UL, CSA, VDE
Modular Jacks
l
l
l
l
l
1.5
150AC
-40 to +85
26-22
UL
Mass Termination Assembly (MTA) & SL
Connectors
l
l
l
l
12.5
600 AC
-55 to +105
26-18
UL, CSA
MULTILOCK Connectors
l
l
l
10
12 DC
-30 to +105
20-16
l
NECTOR Power Systems
l
l
l
l
20
400 AC
-20 to +85
18,
4.0-1.5
l
l
UL, IEC
Releasable Poke-In Wire Connectors
l
l
6
400 AC/DC
-30 to +105
22-18
l
l
UL, IEC
Resistors3
l
l
l
l
Refer to table below for product details
Power Relays & Contactors
l
l
l
l
120
600 AC
-55 to + 65
UL, CSA, VDE, SEMKO, IEC
Safety (Force Guided) Relays
l
l
l
l
16
250 AC
-40 to +85
UL, VDE, TUV, CQC, Industry**
Single Phase EMI/RFI Power Filters
l
l
l
l
l
60
250 AC
-10 to +40
26-8
UL, CSA, VDE
Tactile Switches
l
l
l
l
l
0.05
24 DC
-35 to +105
l
Three Phase EMI/RFI Power Filters
l
l
l
l
200
480 AC/277 AC
-10 to +40
12-0
UL, CSA, VDE
Universal MATE-N-LOK Connectors
l
l
l
l
l
19
600 AC
-55 to +125
30-16
l
UL, CSA, VDE
Standards
1 May vary based on application and product selection
2 TE is a leading developer and manufacturer of high performance embedded and external antennas.
Visit www.antenna.te.com to learn more.
3 Current rating, voltage rating, and operating temperature range may vary based on application and product selection
* Available with custom specifications
CQC
– China Quality Certification
CSA
– Canadian Standard Association
cUL
– Tested to Canadian Standards by
Underwriters’ Laboratories
IEC
– International Electrotechnical
Commission
Industry – Meets product specific
industry standards
(details on product page at te.com)
RU
– Recognized Under
SEMKO – Svenska Elektriska
Materielkontrollanstalten
TUV
– Technischer Überwachungs-Verein
UL
– Underwriters’ Laboratories
VDE
– Verband Deutscher
Elektroingenieure
Zhaga – Standard for Interchangeable LED
Light Sources
3 4 5
2
1
SUBSYSTEMS
Design Navigator
Go to te.com
for further
information
Resistors3
Family
Technology
Key Features
Control
Circuitry
Capacitor
Precharge /
Discharge
Braking
Balancing Snubber
Current
Sense
C / ER
Wirewound
2.5 to 14W, C=Vitreous / ER=Silicone
l
l
l
CBT/CCR
Carbon / Ceramic 1/4 to 2W Pulse Withstand
l
CJT
Wirewound
175 to 1000W Mineral Filled
l
HS / THS
Wirewound
5W to 300W Aluminium Housed
l
l
l
Load Bank
Wirewound
Customized Load Bank
l
RGP
Thick Film
0.25W High Ohmic
l
l
l
RL73
Thick Film
SMD Current Sense
l
l
RN73 / RP73 / CPF
Thin Film
SMD Precision Chip
l
l
RR / ROX
Metal Film/Oxide 1 to 7W High Power
l
l
l
l
SBC
Wirewound
4 to 40W Ceramic Cased
l
l
SL / SBL
Foil
0.25W to 2.5W Current Sense
l
l
SM
Wirewound/Oxide 1 to 5W Moulded Power Chip
l
l
l
SQ
Wirewound/Oxide 2 to 40W Ceramic Cased
l
l
l
TLR / HL
Foil
0.5 to 3W Current Sense
l
l
l
TE
Wirewound
10 to 2500W Tubular
l
INTELLIGENT
BUILDINGS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com