Electronic Components Datasheet Search
  English  ▼

X  

LM7806CT Datasheet(PDF) 21 Page - ON Semiconductor

Part # LM7806CT
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7806CT Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LM7806CT Datasheet HTML 17Page - ON Semiconductor LM7806CT Datasheet HTML 18Page - ON Semiconductor LM7806CT Datasheet HTML 19Page - ON Semiconductor LM7806CT Datasheet HTML 20Page - ON Semiconductor LM7806CT Datasheet HTML 21Page - ON Semiconductor LM7806CT Datasheet HTML 22Page - ON Semiconductor LM7806CT Datasheet HTML 23Page - ON Semiconductor LM7806CT Datasheet HTML 24Page - ON Semiconductor LM7806CT Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
20
Typical Applications (Continued)
Figure 12. Adjustable Output Regulator (7 V to 30 V)
Figure 13. High-Current Voltage Regulator
Figure 14. High Output Current with Short-Circuit Protection
LM741
-
+
2
3
6
4
2
3
1
0.33
μF
CI
Input
Output
0.1
μF
CO
LM7805
10kΩ
IRI ≥ 5 IQ
VO = VXX(1+R2/R1)+IQR2
3
2
1
LM78XX
Output
Input
R1
3
Ω
0.33μF
IREG
0.1μF
IO
IQ1
IO = IREG + BQ1 (IREG–VBEQ1/R1)
Q1 BD536
R1 =
VBEQ1
IREG–IQ1 BQ1
/
LM78XX
Output
0.1μF
0.33μF
R1
3
Ω
3
2
1
Q1
Input
Q2
Q1 = TIP42
Q2 = TIP42
RSC =
ISC
VBEQ2
RSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com