Electronic Components Datasheet Search
  English  ▼

X  

LM7808CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM7808CT
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7808CT Datasheet(HTML) 2 Page - ON Semiconductor

  LM7808CT Datasheet HTML 1Page - ON Semiconductor LM7808CT Datasheet HTML 2Page - ON Semiconductor LM7808CT Datasheet HTML 3Page - ON Semiconductor LM7808CT Datasheet HTML 4Page - ON Semiconductor LM7808CT Datasheet HTML 5Page - ON Semiconductor LM7808CT Datasheet HTML 6Page - ON Semiconductor LM7808CT Datasheet HTML 7Page - ON Semiconductor LM7808CT Datasheet HTML 8Page - ON Semiconductor LM7808CT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
September 2014
LM78XX / LM78XXA
3-Terminal 1 A Positive Voltage Regulator
Features
• Output Current up to 1 A
• Output Voltages: 5, 6, 8, 9, 10, 12, 15, 18, 24 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Protection
Ordering Information(1)
Note:
1. Above output voltage tolerance is available at 25°C.
Product Number
Output Voltage
Tolerance
Package
Operating
Temperature
Packing Method
LM7805CT
±4%
TO-220
(Single Gauge)
-40
°C to +125°C
Rail
LM7806CT
LM7808CT
LM7809CT
LM7810CT
LM7812CT
LM7815CT
LM7818CT
LM7824CT
LM7805ACT
±2%
0
°C to +125°C
LM7809ACT
LM7810ACT
LM7812ACT
LM7815ACT
Description
The LM78XX series of three-terminal positive regulators
is available in the TO-220 package and with several fixed
output voltages, making them useful in a wide range of
applications. Each type employs internal current limiting,
thermal shut-down, and safe operating area protection. If
adequate heat sinking is provided, they can deliver over
1 A output current. Although designed primarily as fixed-
voltage regulators, these devices can be used with exter-
nal components for adjustable voltages and currents.
1
1. Input
2. GND
3. Output
GND
TO-220 (Single Gauge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com