Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 7805
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7805 Datasheet(HTML) 1 Page - Silicon Supplies

  7805 Datasheet HTML 1Page - Silicon Supplies 7805 Datasheet HTML 2Page - Silicon Supplies 7805 Datasheet HTML 3Page - Silicon Supplies 7805 Datasheet HTML 4Page - Silicon Supplies 7805 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
www.siliconsupplies.com
 
Linear Voltage Regulator – 7805
Positive Fixed 5V Voltage Regulator in bare die form
±5% VOUT tolerance over entire temperature range
Greater than 1A output current capability
Internal thermal overload protection
Internal short-circuit current limit
Output capacitor not essential for stability
Full Military temperature range
Negative voltage complement is 7905
Rev 1.0
19/04/19
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Tape & Reel – On request
In Metal or Ceramic package – On request
The 7805 5V fixed 3-terminal positive voltage regulator
delivers up to 1.5A of output current with adequate
heat-sinking. The device is equipped with internal
limiting, safe-area compensation + thermal shutdown
features for overload immunity. The 7805 can be used
with external components to obtain adjustable voltages
or currents & can also be used as the power-pass
element in precision high-current voltage regulators.
No external components are needed other than to
enhance performance or increase design flexibility.
Description
Die Dimensions in µm (mils)
1400 (55)
Die Size (Unsawn)
1400 x1900
55 x 75
µm
mils
Minimum Bond Pad Size
230 x 230
9.05 x 9.05
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
Ti/Ni/Ag 1.2 µm
Replaced by 7805 REV 2


Similar Part No. - 7805

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
7805 KEC-7805 Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7805 ETC-7805 Datasheet
125Kb / 1P
THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
7805 ETC1-7805 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
7805 ETC2-7805 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
7805 ETC2-7805 Datasheet
105Kb / 4P
Coax - RG-174 Type
More results

Similar Description - 7805

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com