Electronic Components Datasheet Search
  English  ▼

X  

BFT977 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BFT977
Description  8 GHz fT Wideband PNP Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BFT977 Datasheet(HTML) 2 Page - Silicon Supplies

  BFT977 Datasheet HTML 1Page - Silicon Supplies BFT977 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
d
Page 2 of 2
www.siliconsupplies.com
Rev 1.0
17/6/25
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCBO
Collector-Base Voltage
Open Emitter
-
-20
V
VCEO
Collector-Emitter Voltage
Open Base
-
-12
V
VEBO
Emitter-Base Voltage
Open Collector
-
-3
V
IC
DC Collector Current
-
-
-50
mA
Ptot
Total Power Dissipation
-
-
200
mW
Tstg
Storage Temperature
-
-65
150
ºC
TJ
Junction Temperature
-
-
150
ºC
RTH (J-C)
Thermal Resistance
(Junction to Case)
Assembled in
Micro-X Package
-
85
-
8 GHz fT Wideband PNP Chip – BFT977
Silicon NPN Planar RF Transistor in bare die form
Electrical Characteristics T
A = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
SYMBOL
ICBO
Collector Cut-off Current
IE = 0 ; VCB = -10V
-
-
-0.1
µA
IEBO
Emitter Cut-off Current
IC = 0 ; VEB = -1V
-
-
-0.1
µA
hFE
DC Current Gain
IC = -20mA; VCE = -8V
50
-
210
-
fT
Transition Frequency
IC = -20mA; VCE=-8V;
f = 1 GHz
6
8
-
GHz
|S21e|
2
Insertion Power Gain
IC = -20mA;VCE = -8V;
f = 1 GHz
-
12
-
dB
NF
Noise Figure
IC = -3mA; VCE = -8V;
f = 1 GHz
-
1.5
-
dB
Cre
Feedback Capacitance
IC = -20mA;VCE= -8V
f = 1 MHz
-
0.5
1
pF
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect
to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies
Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system
or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com