Electronic Components Datasheet Search
  English  ▼

X  

LM7815ACT Datasheet(PDF) 19 Page - ON Semiconductor

Part # LM7815ACT
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7815ACT Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LM7815ACT Datasheet HTML 15Page - ON Semiconductor LM7815ACT Datasheet HTML 16Page - ON Semiconductor LM7815ACT Datasheet HTML 17Page - ON Semiconductor LM7815ACT Datasheet HTML 18Page - ON Semiconductor LM7815ACT Datasheet HTML 19Page - ON Semiconductor LM7815ACT Datasheet HTML 20Page - ON Semiconductor LM7815ACT Datasheet HTML 21Page - ON Semiconductor LM7815ACT Datasheet HTML 22Page - ON Semiconductor LM7815ACT Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
18
Typical Applications
Figure 6. DC Parameters
Figure 7. Load Regulation
Figure 8. Ripple Rejection
0.1
μF
CO
CI
0.33
μF
Output
Input
LM78XX
1
3
2
LM78XX
3
2
1
0.33μF
270pF
100
Ω
30μS
RL
2N6121
or EQ
Output
Input
VO
0V
VO
LM78XX
Output
Input
5.1
Ω
0.33μF
2
3
1
RL
470μF
120Hz
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com