Electronic Components Datasheet Search
  English  ▼

X  

LM34902 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM34902
Description  300mA Current Limited Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34902 Datasheet(HTML) 2 Page - Texas Instruments

  LM34902 Datasheet HTML 1Page - Texas Instruments LM34902 Datasheet HTML 2Page - Texas Instruments LM34902 Datasheet HTML 3Page - Texas Instruments LM34902 Datasheet HTML 4Page - Texas Instruments LM34902 Datasheet HTML 5Page - Texas Instruments LM34902 Datasheet HTML 6Page - Texas Instruments LM34902 Datasheet HTML 7Page - Texas Instruments LM34902 Datasheet HTML 8Page - Texas Instruments LM34902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM34902
SNVS804B – MAY 2012 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
6-Bump Thin DSBGA Package
See Package Number YFQ
PIN DESCRIPTION
Pin
Name
Function
Number
Power input of the PFET switch. It also provides power to the entire IC. Connect to the voltage rail that the
VCC
A1
accessory device is expected to work off.
GND
B1
Common Ground (device substrate).
POK
C1
Open-drain PFET status indicator. When the PFET is off, this pin floats. When PFET is on, it is grounded.
ACC_DET
C2
Pull this pin low to tell the IC that the downstream accessory device is plugged in.
When this pin is low, the PFET will be turned off and POK will be open-drained. Current limit circuitry will also
ENABLE
B2
be disabled. The IC will be in a low-power state. This pin should be held low until VCC is established to
ensure proper initial state of internal logic. When ENABLE is high, the PFET switch will be allowed to turn on.
ACC_PWR
A2
Power output terminal of the PFET switch. Connect to input rail of accessory device.
Truth Table
Input
Output
Current Limit
TJ Limit
PFET Switch
ENABLE
ACC_DET
2.8V < VCC < 5.3V
POK
Detected
Exceeded
Status
0
x
No
No
Yes
Open
Open Drain
x
1
No
No
Yes
Open
Open Drain
0 to 1
0
No
No
Yes
On
Grounded
0 to 1
0
Yes
No
Yes
Current Limited
Grounded
x
x
x
Yes
2.2V < VCC < 5.3V
Open
Open Drain
0
x
x
No
2.2V < VCC < 2.8V
Open
Open Drain
Note: "x" stands for "don't care".
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VCC
-0.3V to 6V
ENABLE, POK, ACC_DET,
ACC_PWR(2)
-0.3V to 6V
Junction Temperature (TJ)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility, Human Body Model(3)
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics table.
(2)
The voltages on these pins should never exceed VCC+0.3V.
(3)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-A114.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM34902



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com