Electronic Components Datasheet Search
  English  ▼

X  

LM3537 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3537 Datasheet HTML 21Page - Texas Instruments LM3537 Datasheet HTML 22Page - Texas Instruments LM3537 Datasheet HTML 23Page - Texas Instruments LM3537 Datasheet HTML 24Page - Texas Instruments LM3537 Datasheet HTML 25Page - Texas Instruments LM3537 Datasheet HTML 26Page - Texas Instruments LM3537 Datasheet HTML 27Page - Texas Instruments LM3537 Datasheet HTML 28Page - Texas Instruments LM3537 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ILED (mA) | 25 x 0.85
[44 ± {(N+1)/2.91}]
LM3537
www.ti.com
SNVS634B – JUNE 2011 – REVISED MAY 2013
Current Control Registers
A0 GROUP A BRIGHTNESS
This is the LED driver current control register for Group A. The register is effective when the ALS isn't used. The
resolution is 7 bits, so in linear dimming mode the step size from zero up to full brightness is fixed (25.0mA/127)
= 197 µA. Exponential dimming scheme provides a more fine-grained level of control over low level LED
currents. Group A exponential dimming curve current can be approximated by the following equation (where N =
the decimal value stored in the Group A Brightness register):
(1)
Current vs. code is shown below.
Figure 10. LED current (typ.) vs. register code, exponential dimming curve
B0 GROUP B BRIGHTNESS
Bits [2:0] set the GroupB Brightness Levels, as shown in below:
Table 6. Group B Brightness Levels
dxb[2]
dxb[1]
dxb[0]
GroupB LED Current (typ.)
1
1
1
25.0 mA
1
1
0
17.5 mA
1
0
1
15.0 mA
1
0
0
12.5 mA
0
1
0
10.0 mA
0
1
0
7.5 mA
0
0
1
5.0 mA
0
0
0
2.5 mA
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com