Electronic Components Datasheet Search
  English  ▼

X  

1360 Datasheet(PDF) 1 Page - Fulleon

Part # 1360
Description  Door Retainers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FULLEON [Fulleon]
Direct Link  
Logo FULLEON - Fulleon

1360 Datasheet(HTML) 1 Page - Fulleon

  1360 Datasheet HTML 1Page - Fulleon  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Door Retainers
Series 1350 / 1360
FULLEON FIRE ALARM DEVICES
CAFIRV10614
Dimensions
Technical Specification
Catalogue Numbers
Reference
Cat No
Description
FSMD/024/40/W/DIODE
1350-CSA
Wall Mounted Magnetic Door Release 24Vdc, 40Kgf/390N
(includes diode protection circuit)
Features
• Versatile holding settings
• High holding force
• Low current consumption
• Release button and protection circuit
• Adjustable damping keeper plate
• Protection diodes as standard
Benefits
• Flexibility in installation
• Suitable for large and small fire doors
• Requires less power from your system
• Door can be manually closed when not activated by
the fire system
• Allows for door misalignment
The 1350/1360 series is a range wall mounted
electromagnetic door retainers that offers the user
a choice of holding strengths.
Robust and simple to install, they are ideal for a
wide range of applications such as nursing homes,
hospitals, schools and industrial premises. Doors
can be held open under normal conditions and then
automatically released in the event of a fire alarm
activation.
Holding Force
25-50Kg 245-490N /50-100Kg 490-960N
Voltage
24Vdc
Current
25-45mA / 40-100mA
Mounting
Wall mounting / Floor bracket available
Housing Material
Steel / ABS cover
Temperature Range
10°C to +55°C
Protection
IP40
Weight
800g / 1000g
Body Colour
White / Black
95mm Square
40mm
60mm Square
48mm


Similar Part No. - 1360

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
1360 CEENORM-1360 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1360-2 ETC2-1360-2 Datasheet
485Kb / 1P
MICRO PINS
logo
Molex Electronics Ltd.
1360-P MOLEX1-1360-P Datasheet
171Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
1360-P MOLEX11-1360-P Datasheet
45Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
1360-P1 MOLEX1-1360-P1 Datasheet
170Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
More results

Similar Description - 1360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
Door, lock & key
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
Electromagnetic Door Holders
logo
Richco, Inc.
DL-1X RICHCO-DL-1X Datasheet
70Kb / 1P
DOOR LATCH
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
logo
List of Unclassifed Man...
V-9767-L ETC1-V-9767-L Datasheet
63Kb / 1P
ECNGLAS DOOR
logo
PANDUIT CORP.
BR5-E6-C PANDUIT-BR5-E6-C Datasheet
146Kb / 1P
Bundle Retainers
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
FIBOX Enclosing innovat...
8120718 FIBOX-8120718 Datasheet
54Kb / 2P
Inner door set
11.01.2023
logo
CONEC Elektronische Bau...
16-505750 CONEC-16-505750 Datasheet
179Kb / 1P
MALE SCREW RETAINERS FOR METALL-SHELL CONNECTORS
26.10.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com