Electronic Components Datasheet Search
  English  ▼

X  

LM4431 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4431
Description  LM4431 Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4431 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4431 Datasheet HTML 8Page - Texas Instruments LM4431 Datasheet HTML 9Page - Texas Instruments LM4431 Datasheet HTML 10Page - Texas Instruments LM4431 Datasheet HTML 11Page - Texas Instruments LM4431 Datasheet HTML 12Page - Texas Instruments LM4431 Datasheet HTML 13Page - Texas Instruments LM4431 Datasheet HTML 14Page - Texas Instruments LM4431 Datasheet HTML 15Page - Texas Instruments LM4431 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.20
0.08
TYP
0.25
2.64
2.10
1.12 MAX
0.10
0.01
TYP
3X
0.5
0.3
0.6
0.2
TYP
1.9
0.95
0 -8 TYP
4X 0 -15
4X 4 -15
A
3.04
2.80
B
1.4
1.2
(0.95)
(0.15)
(0.125)
SOT-23 - 1.12 mm max height
DBZ0003A
SMALL OUTLINE TRANSISTOR
4214838/F 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-236, except minimum foot length.
4. Support pin may differ or may not be present.
5. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed
0.25mm per side
0.2
C A B
1
3
2
INDEX AREA
PIN 1
NOTE 4
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com