Electronic Components Datasheet Search
  English  ▼

X  

LM48411 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48411
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48411 Datasheet HTML 8Page - Texas Instruments LM48411 Datasheet HTML 9Page - Texas Instruments LM48411 Datasheet HTML 10Page - Texas Instruments LM48411 Datasheet HTML 11Page - Texas Instruments LM48411 Datasheet HTML 12Page - Texas Instruments LM48411 Datasheet HTML 13Page - Texas Instruments LM48411 Datasheet HTML 14Page - Texas Instruments LM48411 Datasheet HTML 15Page - Texas Instruments LM48411 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM48411
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
External Components Description
(Figure 2)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
APPLICATION INFORMATION
GENERAL AMPLIFIER FUNCTION
The LM48411 features a filterless modulation scheme. The differential outputs of the device switch at 300kHz
from VDD to GND. When there is no input signal applied, the two outputs (VO1 and VO2) switch with a 50% duty
cycle, with both outputs in phase. Because the outputs of the LM48411 are differential, the two signals cancel
each other. This results in no net voltage across the speaker, thus there is no load current during an idle state,
conserving power.
With an input signal applied, the duty cycle (pulse width) of the LM48411 outputs changes. For increasing output
voltages, the duty cycle of VO1 increases, while the duty cycle of VO2 decreases. For decreasing output voltages,
the converse occurs, the duty cycle of VO2 increases while the duty cycle of VO1 decreases. The difference
between the two pulse widths yields the differential output voltage.
SPREAD SPECTRUM MODULATION
The LM48411 features a fitlerless spread spectrum modulation scheme that eliminates the need for output filters,
ferrite beads or chokes. The switching frequency varies by ±30% about a 300kHz center frequency, reducing the
wideband spectral contend, improving EMI emissions radiated by the speaker and associated cables and traces.
Where a fixed frequency class D exhibits large amounts of spectral energy at multiples of the switching
frequency, the spread spectrum architecture of the LM48411 spreads that energy over a larger bandwidth. The
cycle-to-cycle variation of the switching period does not affect the audio reproduction of efficiency.
ENHANCED EMISSIONS SUPPRESSION SYSTEM (E
2S)
The LM48411 features TI’s patent-pending E2S system that reduces EMI, while maintaining high quality audio
reproduction and efficiency. The E2S system features a synchronizable oscillator with selectable spread
spectrum, and advanced edge rate control (ERC). The LM48411 ERC greatly reduces the high frequency
components of the output square waves by controlling the output rise and fall times, slowing the transitions to
reduce RF emissions, while maximizing THD+N and efficiency performance.
POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of useful work output divided by the total energy required
to produce it with the difference being the power dissipated, typically, in the IC. The key here is “useful” work. For
audio systems, the energy delivered in the audible bands is considered useful including the distortion products of
the input signal. Sub-sonic (DC) and super-sonic components (>22kHz) are not useful. The difference between
the power flowing from the power supply and the audio band power being transduced is dissipated in the
LM48411 and in the transducer load. The amount of power dissipation in the LM48411 is very low. This is
because the ON resistance of the switches used to form the output waveforms is typically less than 0.25
Ω. This
leaves only the transducer load as a potential "sink" for the small excess of input power over audio band output
power. The LM48411 dissipates only a fraction of the excess power requiring no additional PCB area or copper
plane to act as a heat sink.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supply voltages continue to shrink, designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted voltage swing. The LM48411 is a fully differential
amplifier that features differential input and output stages. A differential amplifier amplifies the difference between
the two input signals. Traditional audio power amplifiers have typically offered only single-ended inputs resulting
in a 6dB reduction in signal to noise ratio relative to differential inputs. The LM48411 also offers the possibility of
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com