Electronic Components Datasheet Search
  English  ▼

X  

LM7341 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM7341
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341 Datasheet(HTML) 5 Page - Texas Instruments

  LM7341 Datasheet HTML 1Page - Texas Instruments LM7341 Datasheet HTML 2Page - Texas Instruments LM7341 Datasheet HTML 3Page - Texas Instruments LM7341 Datasheet HTML 4Page - Texas Instruments LM7341 Datasheet HTML 5Page - Texas Instruments LM7341 Datasheet HTML 6Page - Texas Instruments LM7341 Datasheet HTML 7Page - Texas Instruments LM7341 Datasheet HTML 8Page - Texas Instruments LM7341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
±15V Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 15V, V− = −15V, V
CM = VOUT = 0V and RL > 1 MΩ to 0V.
Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VCM = −14.5V and VCM = 14.5V
−4
±0.2
+4
mV
−5
+5
TCVOS
Input Offset Voltage Temperature Drift
±2
μV/°C
IB
Input Bias Current
VCM = −14.5V
−250
−110
−300
nA
VCM = 14.5V
40
80
90
IOS
Input Offset Current
VCM = −14.5V and VCM = 14.5V
1
40
nA
50
CMRR
Common Mode Rejection Ratio
−15V ≤ VCM ≤12V
84
115
82
dB
−15V ≤ VCM ≤ 15V
78
100
76
PSRR
Power Supply Rejection Ratio
2.7V
≤ VS ≤ 30V, VCM = −14.5V
86
106
dB
84
CMVR
Common Mode Voltage Range
CMRR > 80 dB
−15.3
−15.0
V
15.0
15.3
AVOL
Open Loop Voltage Gain
−13V ≤ VO ≤ 13V
25
200
V/mV
RL = 10 kΩ to 0V
15
VOUT
Output Voltage Swing
RL = 10 kΩ to 0V
135
300
High
VID = 100 mV
400
mV from
either rail
Output Voltage Swing
RL = 10 kΩ to 0V
160
300
Low
VID = −100 mV
400
IOUT
Output Current(3)
Sourcing, VOUT = −15V
5
10
VID = 200 mV
3
mA
Sinking, VOUT = 15V
8
13
VID = −200 mV
5
IS
Supply Current
VCM = −14.5V and VCM = 14.5V
0.7
1.2
mA
1.3
SR
Slew Rate
±12V Step
1.9
V/
μs
GBW
Gain Bandwidth
f = 100 kHz, RL = 100 kΩ
4.6
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
31
nV/
√Hz
in
Input Referred Voltage Noise Density
f = 1 kHz
0.27
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 10 kHz
−65
dB
tPD
Propagation Delay
Overdrive = 50 mV(4)
17
µs
Overdrive = 1V(4)
12
tr
Rise Time
20% to 80%(4)
13
µs
tf
Fall Time
80% to 20%(4)
13
µs
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly unto a PC board.
(4)
The maximum differential voltage between the input pins is VIN Differential = ±15V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com