Electronic Components Datasheet Search
  English  ▼

X  

ACS714 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS714
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS714 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS714 Datasheet HTML 1Page - Allegro MicroSystems ACS714 Datasheet HTML 2Page - Allegro MicroSystems ACS714 Datasheet HTML 3Page - Allegro MicroSystems ACS714 Datasheet HTML 4Page - Allegro MicroSystems ACS714 Datasheet HTML 5Page - Allegro MicroSystems ACS714 Datasheet HTML 6Page - Allegro MicroSystems ACS714 Datasheet HTML 7Page - Allegro MicroSystems ACS714 Datasheet HTML 8Page - Allegro MicroSystems ACS714 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
of the device at up to 5× overcurrent conditions. The terminals of
the conductive path are electrically isolated from the sensor leads
(pins 5 through 8). This allows the ACS714 current sensor to be
used in applications requiring electrical isolation without the use
of opto-isolators or other costly isolation techniques.
TheACS714 is provided in a small, surface mount SOIC8 package.
The leadframe is plated with 100% matte tin, which is compatible
withstandardlead(Pb)freeprintedcircuitboardassemblyprocesses.
Internally,thedeviceisPb-free,exceptforflip-chiphigh-temperature
Pb-based solder balls, currently exempt from RoHS. The device is
fully calibrated prior to shipment from the factory.
Description (continued)
TÜV America
Certificate Number:
U8V 06 05 54214 010
Parameter
Specification
Fire and Electric Shock
CAN/CSA-C22.2 No. 60950-1-03
UL 60950-1:2003
EN 60950-1:2001
Selection Guide
Part Number
Optimized Range, IP
(A)
Sensitivity, Sens
(Typ) (mV/A)
TA
(°C)
Packing*
ACS714ELCTR-05B-T
±5
185
–40 to 85
Tape and reel, 3000 pieces/reel
ACS714ELCTR-20A-T
±20
100
ACS714ELCTR-30A-T
±30
66
ACS714LLCTR-05B-T
±5
185
–40 to 150
ACS714LLCTR-20A-T
±20
100
ACS714LLCTR-30A-T
±30
66
*Contact Allegro for additional packing options.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
8V
Reverse Output Voltage
VRIOUT
–0.1
V
Reinforced Isolation Voltage
VISO
Pins 1-4 and 5-8; 60 Hz, 1 minute, TA=25°C
2100
V
Rated Input Voltage
Vworking
Voltage applied to leadframe (Ip+ pins)
184
V AC Max
Output Current Source
IIOUT(Source)
3mA
Output Current Sink
IIOUT(Sink)
10
mA
Overcurrent Transient Tolerance
IP
1 pulse, 100 ms
100
A
Nominal Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com