Electronic Components Datasheet Search
  English  ▼

X  

LM8364 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8364
Description  LM8364 Micropower Undervoltage Sensing Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8364 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8364 Datasheet HTML 2Page - Texas Instruments LM8364 Datasheet HTML 3Page - Texas Instruments LM8364 Datasheet HTML 4Page - Texas Instruments LM8364 Datasheet HTML 5Page - Texas Instruments LM8364 Datasheet HTML 6Page - Texas Instruments LM8364 Datasheet HTML 7Page - Texas Instruments LM8364 Datasheet HTML 8Page - Texas Instruments LM8364 Datasheet HTML 9Page - Texas Instruments LM8364 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
470k:
VSUPPLY
VDD
RSENSE
2
INPUT
3
GND
RESET OUTPUT
MICROCONTROLLER
GND
VDET- = 2.0V
THIS CIRCUIT MONITORS THE CURRENT AT THE LOAD. AS CURRENT FLOW
THROUGH THE LOAD, A VOLTAGE DROP WITH RESPECT TO GROUND
APPEARS ACROSS RSENSE WHERE VSENSE = ILOAD * RSENSE. THE
FOLLOWING CONDITIONS APPLY:
IF:
ILOAD < VDET- /RSENSE
ILOAD t (VDET- +VHYS)/RSENSE
THEN:
RESET OUTPUT = VDD
1
RESET OUTPUT = 0V
VDET- = 4.5V
VDET- = 3.0V
VSUPPLY
RESET OUTPUT
RESET OUTPUT
5.0V
3.3V
1
1
2
INPUT
2
INPUT
3
GND
3
GND
GND
GND
VIN
VCC
PP
INPUT
RESET
RESET
470k:
LM8364
SNVS232B – MARCH 2003 – REVISED APRIL 2013
www.ti.com
Typical Applications
Figure 9. Microprocessor Reset Circuit
Figure 10. Dual Power Supply Undervoltage
Supervision
Figure 11. Microcontroller System Load Sensing
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM8364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com