Electronic Components Datasheet Search
  English  ▼

X  

ACS715 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS715
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS715 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS715 Datasheet HTML 5Page - Allegro MicroSystems ACS715 Datasheet HTML 6Page - Allegro MicroSystems ACS715 Datasheet HTML 7Page - Allegro MicroSystems ACS715 Datasheet HTML 8Page - Allegro MicroSystems ACS715 Datasheet HTML 9Page - Allegro MicroSystems ACS715 Datasheet HTML 10Page - Allegro MicroSystems ACS715 Datasheet HTML 11Page - Allegro MicroSystems ACS715 Datasheet HTML 12Page - Allegro MicroSystems ACS715 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
1.75 MAX
0.18
4º
4.90
3.90
6.00
0.84
0.21
0.41
0.25
SEATING
PLANE
1.27
C
0.10
8X
C
2
1
8
GAUGE PLANE
SEATING PLANE
A
A Terminal #1 mark area
All dimensions nominal, not for tooling use
(reference JEDEC MS-012 AA)
Dimensions in millimeters
Package LC, 8-pin SOIC
ACS715T
R
LCPPP
YYWWA
ACS
Allegro Current Sensor
715
Device family number
T
Indicator of 100% matte tin leadframe plating
R
Operating ambient temperature range code
LC
Package type designator
PPP
Primary sensed current
YY
Date code: Calendar year (last two digits)
WW
Date code: Calendar week
A
Date code: Shift code
ACS715T
R
LCPPP
L...L
YYWW
ACS
Allegro Current Sensor
715
Device family number
T
Indicator of 100% matte tin leadframe plating
R
Operating ambient temperature range code
LC
Package type designator
PPP
Primary sensed current
L...L
Lot code
YY
Date code: Calendar year (last two digits)
WW
Date code: Calendar week
Package Branding
Two alternative patterns are used
1
2
3
4
8
7
6
5
For the latest version of this document, go to our website at:
www.allegromicro.com
Copyright ©2006, 2007, Allegro MicroSystems, Inc.
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889;
5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com