Electronic Components Datasheet Search
  English  ▼

X  

TS61 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS61
Description  Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS61 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS61 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS61 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS61 Series
Voltage Detector
2/7
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Maximum
Unit
Input Voltage
VIN
+12
V
Output Current
Io
50
mA
CMOS
(Gnd – 0.3) to (VIN + 0.3)
Output Voltage
N-channel open drain
VOUT
(Gnd – 0.3) to 12
V
Power Dissipation
SOT-23
PD
150
mW
Operating Ambient Temperature Range
TA
-40 ~ +85
oC
Storage Temperature
TSTG
-65 ~ +150
oC
Note: Stress above those listed under absolute maximum ratings may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions above those
indicated in the operation section of the specifications is not implied.
Electrical Specifications (Ta = 25 oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Circuit
Detect Voltage
VDF
VDFx 0.98
VDF
VDFx 1.02
V
1
Hysteresis range
VHYS / VDF
2
--
8
%
1
VIN=1.5V
--
0.7
2.3
VIN=2.0V
--
0.8
2.7
VIN=3.0V
--
0.9
3.0
VIN=4.0V
--
1.0
3.2
Supply Current
VIN=5.0V
Iss
--
1.1
3.6
µA
2
Operating Voltage
VDF(T)=1.6V~6V
VIN
0.7
--
10.0
V
1
N-channel VDS=5V
VIN=1.0V
1.0
2.2
--
VIN=2.0V
3.0
7.7
--
VIN=3.0V
5.0
10.1
--
VIN=4.0V
6.0
11.5
--
VIN=5.0V
IOUT
7.0
13.0
--
mA
3
P-channel VDS=2.1V (with CMOS output)
Output Current
VIN=8.0V
IOUT
--
-10.0
-2.0
mA
4
Temperature
Characteristics
-40°C ≤ TA ≤ 85°C
ΔVDF
ΔTA xVDF
--
±100
--
ppm /
°C
--
Delay Time
Vdr
VOUT inversion
tDLY
--
--
0.2
ms
5
Note: VDF(T): Established Detect Voltage Value, 1.6V ~ 6.0V ±2% for Standard Voltage Detectors
Release Voltage: VDR = VDF + VHYS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com