Electronic Components Datasheet Search
  English  ▼

X  

DS-113 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS-113
Description  Two-Way Power Divider, 400 KHz - 400 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-113 Datasheet(HTML) 2 Page - Tyco Electronics

  DS-113 Datasheet HTML 1Page - Tyco Electronics DS-113 Datasheet HTML 2Page - Tyco Electronics DS-113 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Two-Way Power Divider,
400 KHz - 400 MHz
DS-/DSS-113
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
DS-113 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
0.4 - 400 MHz
dB
—
—
0.75
Isolation
—
0.4 - 400 MHz
dB
25
—
—
Amplitude Balance
—
0.4 - 400 MHz
dB
—
—
0.15
Phase Balance
—
0.4 - 400 MHz
°
—
—
1.0
VSWR
All Ports
0.4 - 400 MHz
Ratio
—
—
1.5:1
1. All specifications apply with 50 ohm source and load impedance.
DSS-113 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
0.4 - 400 MHz
dB
—
—
0.75
Isolation
—
0.4 - 400 MHz
dB
25
—
—
Amplitude Balance
—
0.4 - 400 MHz
dB
—
—
0.15
Phase Balance
—
0.4 - 400 MHz
°
—
—
1.5
VSWR
All Ports
0.4 - 400 MHz
Ratio
—
—
1.6:1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com