Electronic Components Datasheet Search
  English  ▼

X  

MBF 12 Datasheet(PDF) 15 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 12
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 12 Datasheet(HTML) 15 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 12 Datasheet HTML 11Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 12Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 13Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 12 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Pressure compensation elements
Pressure compensation element DAE, up to IP 69
Model
Order no.
Colour
Note
DAE M12
52041000
Light grey M12 x 1.5; plastic
DAE M12 9005
52042000
Black
M12 x 1.5; plastic
DAE M6 7035
52041060
Light grey M6 x 0.75; plastic
DAE M6 9005
52042060
Black
M6 x 0.75; plastic
DAE M12 Metall
52042505
M12 x 1,5; metal
Scope Of Delivery: 5 piece (DAE Metall 1 piece)
Notes: Air, which may create a vacuum in the enclosure when it cools, can suck in water etc. through the seal into
the enclosure, which means that ingress protection can no longer be guaranteed. BOPLA's product range includes
the pressure compensation element to compensate such variations in pressure caused by differences in
temperature. When installed, protection classes IP 66, IP 68 (0.2 bar, 60 min) and IP 69 can be achieved.
Pressure compensation gland MBF, polyamide light grey, IP 66/67
Model
Order no.
Colour
Note
DAE-MBF 12
12004100
Light grey M12 x 1,5; cable diameter 4-7 mm
DAE-MBF 16
12004200
Light grey M16 x 1,5; cable diameter 4-7 mm
DAE-MBF 20
12004300
Light grey M20 x 1.5; cable diameter 6-11 mm
Pressure compensation gland MSBF, nickel-plated brass, IP 66/67
Model
Order no.
Note
DAE-MSBF 12
13004100
M12 x 1,5; cable diameter 4-7 mm
DAE-MSBF 16-1
13004200
M16 x 1,5; cable diameter 4-7 mm
DAE-MSBF 16-2
13004250
M16 x 1.5; cable diameter 5-9 mm
DAE-MSBF 20
13004300
M20 x 1.5; cable diameter 6-11 mm
14
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com