Electronic Components Datasheet Search
  English  ▼

X  

PM60 Datasheet(PDF) 2 Page - TT Electronics.

Part # PM60
Description  PM60 Medical Power Supplies (37.5-64W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PM60 Datasheet(HTML) 2 Page - TT Electronics.

  PM60 Datasheet HTML 1Page - TT Electronics. PM60 Datasheet HTML 2Page - TT Electronics. PM60 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
SL-xxx-xxx ISS.6 22/07/2020 Page: 2
Specifications
Safety Standards & EMC Specifications
Safety Standard Approvals
UL ES 60601-1, CSA C22.2 No. 60601-1 File No. E178020
TÜV EN 60601-1
UL 62368-1, CSA C22.2 No. 62368-1
TÜV EN 62368-1
EMI Standard
EN55011/EN55022, FCC, and VCCI Class B (radiated and conducted)
EMC Performance
EN61000-3-2: Harmonic distortion, Class A and D
EN61000-3-3: Line flicker
EN61000-4-2: ESD, ±15 KV air and ± 8KV contact
EN61000-4-3: Radiated immunity, 10V/m
EN61000-4-4: Fast transient/burst, ±2KV
EN61000-4-5: Surge, ±1 KV diff., ±2 KV com.
EN61000-4-6: Conducted immunity, 10Vrms
EN61000-4-8: Magnetic field immunity, 30 A/m
EN61000-4-11: Voltage dip immunity, 30% reduction for 500ms,
and 100% reduction for 10ms
*Consult with TT Electronics for information on additional country safety approvals
Input Specifications
Input Voltage Range
90 to 264VAC
Input Frequency Range
47 to 63Hz
Input Current
1.3A (rms) @100VAC, 60 Hz
0.7A( rms) @240VAC, 50 Hz
Earth Leakage Current
150μA max. @ 264VAC, 63Hz
Touch Current
100μA max. @ 264 VAC, 63Hz
Output Specifications
Ripple & Noise
100 mV peak to peak on 3.3 V & 5.0 V models, 1% peak to peak on
other models
Overvoltage Protection
Provided on output #1 only; set at 112-132% of its nominal output
voltage
Overcurrent Protection
All outputs protected to short circuit conditions
Temperature Coefficient
All outputs ±0.04%/°C maximum
Transient Response
Maximum excursion of 4% or better on all models, recovering to 1%
of final value within 500 us after a 25% step load change
Environmental Specifications
Operating Temperature
-10°C to +70°C
Storage Temperature
-40°C to +85°C
Relative Humidity
5% to 95% non-condensing
Temperature Derating
De-rate from 100% at +50°C linearly to 50% at +70°C
General Specifications
Switching Frequency
62 K ±5 KHz
Efficiency
80-88% typical except PM60-31-3A and PM60-31-5 A at 75% typical
Hold-up Time
12ms minimum at 110 VAC
Line Regulation
±0.5% maximum at full load
Inrush Current
30A @ 115VAC or 60A @ 230VAC at 25°C cold start
Withstand Voltage
4000 VAC from input to output (2 MOPP)
1500 VAC from input to ground (1 MOPP)
1500 VAC from output to ground
MTBF
400,000 hours at full load at 25°C ambient, calculated per MIL-
HDBK-217F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com