Electronic Components Datasheet Search
  English  ▼

X  

PM650 Datasheet(PDF) 2 Page - TT Electronics.

Part # PM650
Description  PM650 Medical & ITE Power Supplies (650-700W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PM650 Datasheet(HTML) 2 Page - TT Electronics.

  PM650 Datasheet HTML 1Page - TT Electronics. PM650 Datasheet HTML 2Page - TT Electronics. PM650 Datasheet HTML 3Page - TT Electronics. PM650 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
SL-xxx-xxx ISS.6 22/07/2020 Page: 2
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications
Safety Standards & EMC Specifications
Safety Standards
UL ES 60601-1, CSA C22.2 No. 60601-1
TUV EN 60601-1, TUV EN 60950-1
UL 60950-1, CSA C22.2 No. 60950-1
EMI Standard
IEC 60601-1-2: 2014
EN55011: Class B conducted, Class A radiated
EMC Performance
EN61000-3-2: Harmonic distortion, Class A and D
EN61000-3-3: Line Flicker
EN61000-4-2: ESD, ± 2KV contact
EN61000-4-3: Radiated immunity, 10 V /m
EN61000-4-4: Fast transient/burst , ± 2KV
EN61000-4-5: Surge, ± KV diff., ± 2 KV com
EN61000-4-6: Conducted immunity, 10 Vms
EN61000-4-8: Magnetic field immunity, 30 A/m
EN61000-4-11: Voltage dip immunity, 30% reduction for 500 ms, 100% reduction for 10ms
*Consult with TT Electronics for information on additional country safety approvals
Input Specifications
Input Voltage Range
90-264 VAC
Input Frequency Range
47-63Hz
Input Current
10 A (rms) for 115 VAC
5 A (rms) for 230 VAC
Earth Leakage Current
240 μA max. @ 264 VAC, 63 Hz
Touch Current
100 μA max. @ 264 VAC, 63 Hz
Output Specifications
Ripple and noise
2% peak to peak maximum on 3.3 V & 5.1 V and 1% peak to peak maximum on other volt-
age outputs
Overvoltage Protection
Provided an output #1 only; set at 115-140% of its nominal output voltage
Overcurrent Protection
All outputs protected to short circuit conditions
Temperature Coefficient
All outputs ±0.04%/°C maximum
Transient Response
Maximum excursion of 4% or better on all models, recovering to 1% of final value within
500 us after a 25% step load change
Fan Power
12 V at 400 mA maximum for B version,
12 V at 100 mA maximum for C version
Environmental Specifications
Operating Temperature
0 ° to + 70 ° C
Storage Temperature
-40°C to +85 ° C
Relative Humidity
5% to 95% non-condensing
Temperature Derating
Derate from 100% at +50° C linearly to 50% at +70°C
General Specifications
Switching Frequency
70KHz ± 10KHz
Power Factor
0.98 typical
Efficiency
80% minimum on all models
Hold-up time
12ms minimum at 110VAC
Line Regulation
±0.2% maximum at full load
Inrush Current
50 A @115 VAC or 100 A @ 230 VAC at 25°C cold start
Withstand Voltage
5600 VDC from input to output (2 MOPP)
2100 VDC from input to ground (1 MOPP)
700 VDC from output to ground
MTBF
300,000 hours minimum at full load at 25℃ ambient, calculated per MIL-HDBK- 217F
Interface Signals
PFD
TTL logic high for normal operation and TTL logic low upon loss of input power. This signal
appears at least 1ms prior to V1 output dropping 5% below its nominal value. This signal
also provides a minimum delay of 100ms after V1 output is within regulation
Inhibit
Requires an external TTL high level signal to inhibit outputs for standard models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com