Electronic Components Datasheet Search
  English  ▼

X  

TS79M05ACPRO Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS79M05ACPRO
Description  3-Terminal 500mA Negative Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M05ACPRO Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS79M05ACPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS79M05ACPRO Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS79M00A Series
3-Terminal 500mA Negative Voltage Regulator
9/10
Version: A07
TO-252 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(05=-5V, 06=-6V, 08=-8V, 09=-9V, 12=-12V, 15=-15V, 18=-18V, 24=-24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
CP = Package Code for TO-252
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.3BSC
0.09BSC
A1
4.6BSC
0.18BSC
B
6.80
7.20
0.268
0.283
C
5.40
5.60
0.213
0.220
D
6.40
6.65
0.252
0.262
E
2.20
2.40
0.087
0.094
F
0.00
0.20
0.000
0.008
G
5.20
5.40
0.205
0.213
G1
0.75
0.85
0.030
0.033
G2
0.55
0.65
0.022
0.026
H
0.35
0.65
0.014
0.026
I
0.90
1.50
0.035
0.059
J
2.20
2.80
0.087
0.110
K
0.50
1.10
0.020
0.043
L
0.90
1.50
0.035
0.059
M
1.30
1.70
0.051
0.67



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com