Electronic Components Datasheet Search
  English  ▼

X  

27441 Datasheet(PDF) 1 Page - Wiha Tools

Part # 27441
Description  End cutting nippers Professional ESD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27441 Datasheet(HTML) 1 Page - Wiha Tools

  27441 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
285
End cutting nippers Professional ESD
wide head with small bevelled edge
Z 47 2 04
Order-No.
26840
115
4 ½
2
1.4
5
27453
115
4 ½
2
1.4
x
5
DIN ISO 9654. IEC 61340-5-1.
Needle nose pliers Professional ESD
straight
Z 36 0 04
Order-No.
26799
120
4 ¾
9,5
23
6,5
1,4
5
27329
120
4 ¾
9,5
23
6,5
1,4
5
27905
145
5 ¾
12,0
40
7,5
2,0
5
DIN ISO 9655. IEC 61340-5-1.
Needle nose pliers Professional ESD
curved form, approx. 45°
Z 36 1 04
Order-No.
26802
120
4 ¾
5
27439
120
4 ¾
x
5
DIN ISO 9655. IEC 61340-5-1.
Round-nose pliers Professional ESD
Short, rounded jaws
Z 37 0 04
Order-No.
26804
120
4 ¾
5
27440
120
4 ¾
x
5
DIN ISO 9655. IEC 61340-5-1.
Flat-nose pliers Professional ESD
Short, flat jaws
Z 38 0 04
Order-No.
26806
120
4 ¾
5
27441
120
4 ¾
x
5
DIN ISO 9655. IEC 61340-5-1.


Similar Part No. - 27441

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
27441 PRESTO-27441 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Weidmuller
2744110000 WEIDMULLER-2744110000 Datasheet
154Kb / 5P
A2T 2.5 DT/DT
2744120000 WEIDMULLER-2744120000 Datasheet
156Kb / 5P
A2T 2.5 DT/DT BL
2744130000 WEIDMULLER-2744130000 Datasheet
152Kb / 5P
A2T 2.5 DT/FT
logo
PHOENIX CONTACT
2744131 PHOENIX-2744131 Datasheet
64Kb / 3P
Polymer fiber DIY case, consisting of: Stripping knife, stripping pliers, polishing wheels for F-SMA and SCRJ quick mounting connectors, polishing pad and emery paper
More results

Similar Description - 27441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
CUTFOX-52 PHOENIX-CUTFOX-52 Datasheet
48Kb / 2P
CUTFOX ... one-handed ring cable cutters for professional cutting results
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
logo
Harwin Plc
Z1022-00 HARWIN-Z1022-00 Datasheet
122Kb / 1P
HAND CUTTING TOOL
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
PHOENIX CONTACT
1104980 PHOENIX-1104980 Datasheet
58Kb / 3P
Cutting tool - PPS COMPACT
logo
Weidmuller
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com