Electronic Components Datasheet Search
  English  ▼

X  

0806893 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0806893
Description  GPE 27X18 SR/R - Engraving material
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806893 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0806893 Datasheet HTML 1Page - PHOENIX CONTACT 0806893 Datasheet HTML 2Page - PHOENIX CONTACT 0806893 Datasheet HTML 3Page - PHOENIX CONTACT 0806893 Datasheet HTML 4Page - PHOENIX CONTACT 0806893 Datasheet HTML 5Page - PHOENIX CONTACT 0806893 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Engraving material, Sheet, silver-colored, unlabeled, can be labeled with: PLOTMARK,
ENGRAVING UNIT, CMS-P1-PLOTTER, P1 ENGRAVING UNIT, mounting type: adhesive,
Number of individual labels: 30, text field height: 18 mm, text field width: 27 mm
Your advantages
Labeling service: Phoenix Contact can custom-label all GPE ... markers according to your requirements
•
The adhesive foil used ensures good adhesive properties, even on uneven surfaces
•
Two-layer material
•
The label sheet consists of prefabricated, individual self-adhesive labels
•
Can be engraved using the P1 ENGRAVING UNIT
•
Can be labeled easily using the CMS‑P1‑PLOTTER
•
Commercial data
Item number
0806893
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG19
Product key
BG2415
GTIN
4017918144982
Weight per piece (including packing)
18.284 g
Weight per piece (excluding packing)
18.284 g
Customs tariff number
39203000
Country of origin
DE
GPE 27X18 SR/R - Engraving material
0806893
https://www.phoenixcontact.com/us/products/0806893
Jun 25, 2025, 5:41AM
Page 1 (6)


Similar Part No. - 0806893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0806819 PHOENIX-0806819 Datasheet
50Kb / 2P
Marker pin Zack strip - BNZ 5/WH:UNBEDRUCKT
0806877 PHOENIX-0806877 Datasheet
252Kb / 6P
GPE 27X 8 SR/R - Engraving material
0806880 PHOENIX-0806880 Datasheet
250Kb / 6P
GPE 27X12,5 SR/R - Engraving material
More results

Similar Description - 0806893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0806929 PHOENIX-0806929 Datasheet
67Kb / 3P
Engraving material - GPE 22 X 12 WH
0806932 PHOENIX-0806932 Datasheet
66Kb / 3P
Engraving material - GPE 13x9 WH
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
0807009 PHOENIX-0807009 Datasheet
66Kb / 3P
Engraving material - GPE 45X14 SR/R
0815292 PHOENIX-0815292 Datasheet
49Kb / 2P
Engraving material - GPE 60X30 WH/R
0825477 PHOENIX-0825477 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (27X18) SR
09/11/2020
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com