Electronic Components Datasheet Search
  English  ▼

X  

0814005 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0814005
Description  GPA/SK 300X280X1,5... - Engraving plate for outdoor use
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0814005 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0814005 Datasheet HTML 1Page - PHOENIX CONTACT 0814005 Datasheet HTML 2Page - PHOENIX CONTACT 0814005 Datasheet HTML 3Page - PHOENIX CONTACT 0814005 Datasheet HTML 4Page - PHOENIX CONTACT 0814005 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Engraving plate for outdoor use, Plate, according to customer requirement, labeled according to
customer specifications, can be labeled with: P1 ENGRAVING UNIT, ENGRAVING UNIT,
mounting type: adhesive, Number of individual labels: 1, text field height: 280 mm, text field
width: 300 mm
Commercial data
Item number
0814005
Packing unit
10 pc
Minimum order quantity
10 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
BG2415
GTIN
4017918980665
Weight per piece (including packing)
173.4 g
Weight per piece (excluding packing)
170 g
Customs tariff number
39205100
Country of origin
DE
GPA/SK 300X280X1,5... - Engraving plate for outdoor
use
0814005
https://www.phoenixcontact.com/us/products/0814005
Jun 25, 2025, 5:27AM
Page 1 (5)


Similar Part No. - 0814005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0814034 PHOENIX-0814034 Datasheet
180Kb / 5P
GPAL 400X300X1,5 SR/BK/GD - Engraving plate for outdoor use
0814047 PHOENIX-0814047 Datasheet
178Kb / 5P
GPAL 500X500X1,5 SR/BK/GD - Engraving plate for outdoor use
More results

Similar Description - 0814005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
Water-Blocked for Indoor/Outdoor Use
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
Waterproof Connectors for Outdoor Use
logo
PHOENIX CONTACT
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
logo
Schneider Electric
9001SK52 SCHNEIDER-9001SK52 Datasheet
127Kb / 2P
PENDANT STATION CLOSING PLATE 30MM SK
Jan 20, 2022
logo
AUREL S.p.A.
650200596G AUREL-650200596G Datasheet
253Kb / 1P
Vertical Antenna for Outdoor use
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com