Electronic Components Datasheet Search
  English  ▼

X  

0822644 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0822644
Description  UC-EMLP (60X15) YE - Plastic label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0822644 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0822644 Datasheet HTML 1Page - PHOENIX CONTACT 0822644 Datasheet HTML 2Page - PHOENIX CONTACT 0822644 Datasheet HTML 3Page - PHOENIX CONTACT 0822644 Datasheet HTML 4Page - PHOENIX CONTACT 0822644 Datasheet HTML 5Page - PHOENIX CONTACT 0822644 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, Sheet, yellow, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: adhesive, Number of individual labels: 4, text field height: 15 mm, text field width:
60 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing system
•
The UC-EMLP ... UniCard marking range includes self-adhesive device markers with good adhesive properties
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0822644
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG10
Product key
BG2417
GTIN
4046356328609
Weight per piece (including packing)
10.532 g
Weight per piece (excluding packing)
10.59 g
Customs tariff number
39269097
Country of origin
PL
UC-EMLP (60X15) YE - Plastic label
0822644
https://www.phoenixcontact.com/us/products/0822644
Jun 25, 2025, 7:38AM
Page 1 (6)


Similar Part No. - 0822644

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0822602 PHOENIX-0822602 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (11X9) YE
09/11/2020
0822615 PHOENIX-0822615 Datasheet
56Kb / 3P
Plastic label - UC-EMLP (15X5) YE
0822628 PHOENIX-0822628 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (17X9) YE
09/11/2020
0822631 PHOENIX-0822631 Datasheet
192Kb / 6P
UC-EMLP (20X8) YE - Plastic label
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
More results

Similar Description - 0822644

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819301 PHOENIX-0819301 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (15X5)
0819330 PHOENIX-0819330 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (60X15)
0822615 PHOENIX-0822615 Datasheet
56Kb / 3P
Plastic label - UC-EMLP (15X5) YE
0825470 PHOENIX-0825470 Datasheet
49Kb / 3P
Plastic label - UC-EMLP (27X12,5) YE
0825475 PHOENIX-0825475 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X18)
0825476 PHOENIX-0825476 Datasheet
57Kb / 3P
Plastic label - UC-EMLP (27X18) YE
0825481 PHOENIX-0825481 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X27)
0822602 PHOENIX-0822602 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (11X9) YE
09/11/2020
0822628 PHOENIX-0822628 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (17X9) YE
09/11/2020
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com