Electronic Components Datasheet Search
  English  ▼

X  

TS78L18CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L18CSRL
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L18CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78L18CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L18CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
4/12
Version: B07
TS78L09 Electrical Characteristics
Vin=15V, Iout=40mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
8.65
9
9.36
Output voltage
Vout
11.5V≤Vin≤23V,
5mA≤Iout≤100mA
8.57
9
9.45
V
Line Regulation
REGline
Tj=25
oC
11.5V≤Vin≤23V
Iout=40mA
--
90
180
5mA≤Iout≤100mA
--
30
90
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
15
45
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
11.5V≤Vin≤23V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
60
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 11.5V≤Vin≤23V
37
57
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.9
--
mV/
oC
TS78L12 Electrical Characteristics
Vin=19V, Iout=40mA, 0
oC ≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
11.53
12
12.48
Output voltage
Vout
14.5V≤Vin≤27V,
5mA≤Iout≤100mA
11.42
12
12.60
V
Line Regulation
REGline
Tj=25
oC
14.5V≤Vin≤27V
Iout=40mA
--
120
240
5mA≤Iout≤100mA
--
40
120
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
20
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6.5
14.5V≤Vin≤27V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
80
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 14.5V≤Vin≤27V
37
42
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-1.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com