Electronic Components Datasheet Search
  English  ▼

X  

R1S Datasheet(PDF) 1 Page - Recom International Power

Part # R1S
Description  DC/DC-Converter with 3 year Warranty
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S Datasheet(HTML) 1 Page - Recom International Power

  R1S Datasheet HTML 1Page - Recom International Power R1S Datasheet HTML 2Page - Recom International Power R1S Datasheet HTML 3Page - Recom International Power R1S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100
60
20
40
105
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
R1S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
303
75
2200µF
R1S**-xx05
(H)
3.3, 5, 12, 15, 24
5
200
72-78
1000µF
R1S**-xx09
(H)
3.3, 5, 12, 15, 24
9
111
74-78
1000µF
R1S**-xx12
(H)
3.3, 5, 12, 15, 24
12
84
75-80
470µF
R1S**-xx15
(H)
3.3, 5, 12, 15, 24
15
66
75-82
470µF
R1S**-xx24
(H)
3.3, 5, 12, 15, 24
24
42
74-84
220µF
R1D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±152
75
±1000µF
R1D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±100
72-78
±470µF
R1D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±56
74-78
±470µF
R1D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±42
75-80
±220µF
R1D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±33
75-82
±220µF
R1D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±21
74-84
±100µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±2% typ., ±5% max.
Line Voltage Regulation
All Variants
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V output type
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
50mVp-p typ., 100mVp-p max.
Operating Frequency
20kHz min. / 60kHz typ. / 100kHz max.
continued on next page
1 Watt SMD
Single & Dual
Output
● Fully RoHS 6/6 Conform
● Full Power at 100°C Ambient Temperature
● 1kVDC or 3kVDC Isolation Options
● UL /CSA Certified, CB Report
● Suitable for Fully Automated Assembly
(including Vapor Phase Soldering)
● Optional Continuous Short Circuit Protection
● Efficiency to 84%
● Built-In EN55022 Class A Filter
Features
Unregulated
Converters
R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
R1S-0505/H, R1D-0505/H, R1S12-0505/H, R1D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R1S8-0505/P, R1S-0505/HP, R1D12-0505/HP
* add suffix -R for tape & reel packing e.g.
R1S-0505-R. For more details see Application Notes.
R1S_R1D
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Description The R1S and R1D converters are of the enclosed open frame type, i.e. they are not potted.
The converters are typically used in general purpose and industrial low power isolation and
voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of
-40°C to +100°C without derating and optional continuous short circuit protection.
In addition to two isolation options and three different case formats, the converters are also
available prepacked as tape and reel for use with automatic insertion machines.
E358085
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)
REV: 1/2016
www.recom-power.com
E-24


Similar Part No. - R1S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S RECOM-R1S Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
logo
Zibo Seno Electronic En...
R1S ZSELEC-R1S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Recom International Pow...
R1S**-xx05 RECOM-R1S**-xx05 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1S**-xx09 RECOM-R1S**-xx09 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1S**-xx12 RECOM-R1S**-xx12 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results

Similar Description - R1S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
AC/DC-Converter with 3 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
Long 5 Year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
fujitsu semiconductor
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
Seven year compressor warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com