Electronic Components Datasheet Search
  English  ▼

X  

RX410 Datasheet(PDF) 1 Page - Synology Inc.

Part # RX410
Description  Synology RX410
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

RX410 Datasheet(HTML) 1 Page - Synology Inc.

  RX410 Datasheet HTML 1Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Synology RX410
4-Bay Expansion Unit for Increasing Capacity of the Synology RackStation
Synology RX410 delivers an effortless solution for volume expansion and data backup for Synology
RackStation RS810+/RS810RP+. The RX410 seamlessly scales up the storage capacity of the Synology
RS810+/RS810RP+ by an additional 4 hard drives on-the-fly when connected directly to the Synology
RS810+/RS810RP+.
Volume Expansion & Backup
When running out of the hard drive capacity on the Synology RS810+/RS810RP+, the Synology RX410
provides an easy way to immediately scale capacity by an additional 4 hard drives. The RAID volume on
the Synology RS810+/RS810RP+ can be expanded directly without having to reformat the existing hard
drives, ensuring the Synology RS810+/RS810RP+ continues its service during the capacity expansion. When
created as a separate volume, the Synology RX410 provides an easy solution for backing up the Synology
RS810+/RS810RP+.
Reliable Plug-n-use Design
The Synology RX410 is connected to the Synology RS810+/RS810RP+ using an eSATA cable with custom-
designed, secure connectors on both ends, ensuring a reliable connection and maximum throughput.
eSATA, with speeds of 3.0 Gb/sec, allows the hard drives in the connected Synology RX410 to operate as
they are the internal ones of the Synology RS810+/RS810RP+, with no lag in data retrieval.
Green & Easy to Manage
HDD hibernation can be configured to take effect automatically when the system has been inactive for a
specified period of time. This not only saves energy but also extends the lifespan of the hard disks.
Synology RX410 is managed with Synology DiskStation Manager 2.3, no additional firmware installation is
needed.
Highlights
● Plug-n-use Minimizes Downtime
● Hot-swappable HDD Design
● HDD Hibernation
● Managed from Synology DiskStation
Manager 2.3
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic company
dedicated to developing high-performance, reliable, versatile, and
environmentally-friendly Network Attached Storage (NAS) products.
Our goal is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices, individual
users and families.
Copyright © 2010, Synology Inc. All rights reserved. Synology, the
Synology logo are trademarks or registered trademarks of Synology
Inc. Other product and company names mentioned herein may
be trademarks of their respective companies. Synology may make
changes to specification and product descriptions at anytime, without
notice.
Printed in Taiwan,
RX410-2010-ENU-REV002
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
UK
Synology UK Ltd.
Davy Avenue, Knowlhill,
Milton Keynes, Bucks,
MK5 8PB, UK
Tel: +44 01908 673 709
Technical Specifications
Hardware
• Internal HDD: 4X 3.5” SATA or 4X 2.5” SATA
• Hot-swappable HDD: Yes
• External HDD Interface: 1X eSATA
• Rail Kit: Synology 1U Rail Kit Sliding / Synology 1U Rail
Kit Fixed (optional)
• Size: 44mm X 430.5mm X 457.5mm
• Weight: 7.10kg
• Fan: 3X (40mmx40mm)
• Noise Level: 32dB(A) (5200rpm)
• Power Recovery: Synchronized with the Synology
RackStation
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Operating temperature: 5°C to 35°C (40°F to 95°F)
• Storage temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95% RH
• Max Operating Altitude: 10,000 feet
Power Consumption
• 48 Watts (Access), 15 Watts(HDD Hibernation)1
RAID Management
• Volume Type: Basic, JBOD, RAID 0, RAID 1, RAID 10,
RAID 5, RAID 5+Spare, RAID 6
• RAID Migration: from Basic to RAID 1, Basic to RAID
5, Basic to RAID 5+Spare, RAID 1 to RAID 5, RAID 1
to RAID 5+Spare, RAID 5 to RAID 5+Spare, RAID 5
to RAID 6
• Expand RAID 1, RAID 5, RAID 5+Spare or RAID 6 with
Larger Hard Drives
• Managed with the Synology DSM 2.3
Environment
• RoHS Compliant
Package Content
• RX410 Main Unit
• User’s Guide
• Assembling Kit
• AC Power Cord
• 2X eSATA Cable
Warranty
• 5 years
_____
1. Measured with 4 Seagate 750GB ST3750640NS hard drives.
The figures could vary on different environments.
Data Sheet
RX410
Networking
RS810+/RS810RP+
RX410
External Disk
Wireless Router
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
RS810+/RS810RP+
eSATA
CONNECTIONS & BUTTONS
Power
LED
Fan
eSATA
RESET
RESET
Power Port


Similar Part No. - RX410

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RX4111CE EPSONTOYOCOM-RX4111CE Datasheet
412Kb / 2P
Real Time Clock Module
logo
Tyco Electronics
RX414005 MACOM-RX414005 Datasheet
528Kb / 4P
Power PCB Relay
RX414005C MACOM-RX414005C Datasheet
528Kb / 4P
Power PCB Relay
RX414012 MACOM-RX414012 Datasheet
528Kb / 4P
Power PCB Relay
RX414012C MACOM-RX414012C Datasheet
528Kb / 4P
Power PCB Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com