Electronic Components Datasheet Search
  English  ▼

X  

STD02P Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # STD02P
Description  Darlington Transistors for Audio Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STD02P Datasheet(HTML) 3 Page - Allegro MicroSystems

  STD02P Datasheet HTML 1Page - Allegro MicroSystems STD02P Datasheet HTML 2Page - Allegro MicroSystems STD02P Datasheet HTML 3Page - Allegro MicroSystems STD02P Datasheet HTML 4Page - Allegro MicroSystems STD02P Datasheet HTML 5Page - Allegro MicroSystems STD02P Datasheet HTML 6Page - Allegro MicroSystems STD02P Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Darlington Transistors for Audio Amplifiers
STD02N and
STD02P
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
12
10
8
6
4
2
0
12
10
8
6
4
2
0
130
100
50
0
02
4
6
VCE (V)
0
1
2
3
0.0001
0.001
0.01
0.1
1
7 A
10 A
IC=5 A
0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
1
10
0
0.5
1.0
1.5
2.0
1
10
100
1000
0.01
0.10
1.00
10.00
110
100
1000
PC vs. TA
0
25
50
75
100
125
150
TA (°C)
Without Heatsink
3.5
IC vs. VCE
VCE(sat) vs. IB
hFE vs. IC
IC vs. VBE
RθJA vs. t
IF vs. VF
For Diode
Safe Operating
Area
1.2 mA
1.0 mA
0.8 mA
0.6 mA
0.4 mA
125°C
10
ms
DC
100
ms
25°C
–30°C
IB= 0.2 mA
VCE = 4 V Continuous
VCE = 4 V Continuous
Single pulse
No heatsink
Natural cooling
TA=25°
VBE (V)
VF (V)
t(ms)
IB (A)
IC (A)
102
103
104
105
106
0.01
0.1
1.0
10.0
100.0
VCE (V)
STD02N Performance Characteristics at TA = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com