Electronic Components Datasheet Search
  English  ▼

X  

78M12 Datasheet(PDF) 8 Page - New Japan Radio

Part # 78M12
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

78M12 Datasheet(HTML) 8 Page - New Japan Radio

  78M12 Datasheet HTML 1Page - New Japan Radio 78M12 Datasheet HTML 2Page - New Japan Radio 78M12 Datasheet HTML 3Page - New Japan Radio 78M12 Datasheet HTML 4Page - New Japan Radio 78M12 Datasheet HTML 5Page - New Japan Radio 78M12 Datasheet HTML 6Page - New Japan Radio 78M12 Datasheet HTML 7Page - New Japan Radio 78M12 Datasheet HTML 8Page - New Japan Radio 78M12 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM78M00
- 8 -
Ver.2017-06-20
■ TYPICAL CHARACTERISTICS
NJM78M05 Dropout Characteristics
(Tj=25°C)
Input Voltage VIN(V)
NJM78M09 Dropout Characteristics
(Tj=25°C)
Input Voltage VIN(V)
NJM78M12 Dropout Characteristics
(Tj=25°C)
Input Voltage VIN(V)
NJM78M05/15/24 Ripple Rejection
(Tj=25°C, Io=0.35A, ein=1VP-P)
Frequency (Hz)
NJM78M00 Series Short Circuit Output Current
(Tj=25°C,
∞ Heat Sink)
Dropout Voltage VIN–VO (V)
Vin=Output voltages of the conditions described in the
ELECTRICAL CHARACTERISTICS
Ta=25℃,Cin=0.33uF, Co=0.1uF
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Output Current Io [mA]
STABLE REGION
NJM78M00 Series Equivalent Series Resistance
vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com