Electronic Components Datasheet Search
  English  ▼

X  

74HC00 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC00
Description  Quad 2-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC00 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC00 Datasheet HTML 1Page - NXP Semiconductors 74HC00 Datasheet HTML 2Page - NXP Semiconductors 74HC00 Datasheet HTML 3Page - NXP Semiconductors 74HC00 Datasheet HTML 4Page - NXP Semiconductors 74HC00 Datasheet HTML 5Page - NXP Semiconductors 74HC00 Datasheet HTML 6Page - NXP Semiconductors 74HC00 Datasheet HTML 7Page - NXP Semiconductors 74HC00 Datasheet HTML 8Page - NXP Semiconductors 74HC00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74HC_HCT00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 14 December 2011
2 of 16
NXP Semiconductors
74HC00; 74HCT00
Quad 2-input NAND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna212
1A
1Y
1B
1
2
3
2A
2Y
2B
4
5
6
3A
3Y
3B
9
10
8
4A
4Y
4B
12
13
11
mna246
3
1
2
&
6
4
5
&
8
9
10
&
11
12
13
&
mna211
A
B
Y
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
74HC00
74HCT00
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aal323
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aal324
74HC00
74HCT00
GND(1)
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com